Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC6020NF-R80 Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # HPC6020NF-R80
Description  SMD Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

HPC6020NF-R80 Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  HPC6020NF-R80 Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. HPC6020NF-R80 Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. HPC6020NF-R80 Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TAI-TECH
P2
1. Features
1.This specification applies Low Profile Power Inductors
2.100%Lead(Pb)&Halogen-Free and RoHS compliant.
3. Operating temperature-40~+125℃ (Including self - temperature rise)
2. Dimension
B
C
E
3. Part Numbering
HPC6020NF-Series
HPC
6020
NF
-
1R0
Y
A
B
C
D
E
A: Series
B: Dimension
A/B*C
C: Type
D: Inductance
1R0=1.00uH,100=10uH,101=100uH,102=1000uH
E: Inductance Tolerance
K=±10%, L=±15%,M=±20%,Y=±30%.
marking direction cannot decide polarity. Color: Black, unidirectional.
magnetic shielding
.
SMD Power Inductor
Recommendend Land pattern
Series
*A(mm) *B(mm) *C(mm)
D(mm)
E(mm)
F(mm)
HPC6020NF 6.0±0.2 6.0±0.2
1.8±0.2
1.6±0.3
5.8±0.3
4.3ref
*Dimensions are not including the termination. For maximum overall dimensions
with ternmination , add 0.1mm.
G(mm)
H(mm)
I(mm)
2.5
5.8
1.8
Note: 1. The above PCB layout reference only.
2. Recommend solder paste thickness at
0.15mm and above.
Halogen-free
Halogen


Similar Part No. - HPC6020NF-R80

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
HPC6020NV TAI-TECH-HPC6020NV Datasheet
172Kb / 3P
SMD Power Inductor
HPC6020NV-100 TAI-TECH-HPC6020NV-100 Datasheet
172Kb / 3P
SMD Power Inductor
HPC6020NV-150 TAI-TECH-HPC6020NV-150 Datasheet
172Kb / 3P
SMD Power Inductor
HPC6020NV-1R0 TAI-TECH-HPC6020NV-1R0 Datasheet
172Kb / 3P
SMD Power Inductor
HPC6020NV-1R5 TAI-TECH-HPC6020NV-1R5 Datasheet
172Kb / 3P
SMD Power Inductor
More results

Similar Description - HPC6020NF-R80

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com