Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC4030NF-R68M Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # HPC4030NF-R68M
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

HPC4030NF-R68M Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  HPC4030NF-R68M Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. HPC4030NF-R68M Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. HPC4030NF-R68M Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd. HPC4030NF-R68M Datasheet HTML 4Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TAI-TECH
P2
1. Features
1. Magnetic-resin shielded construction reduces buzz noise to ultra-low levels
2. Metallization on ferrite core results in excellent shock resistance and damage-free durability
3. Closed magnetic circuit design reduces leakage flux and Electro Magnetic Interference (EMI)
4. 30% higher current rating than conventional nductors of equal size
5. Takes up less PCB real estate and save more power
6. Operating temperature :-40~+125℃ (Including self - temperature rise)
2. Applications
1. LED Lighting
2. Next-generation mobile devices with multifunction such as mobile TV and digital movie cameras
3. Flat-screen TVs, blue-ray disc recorders, set top box
4. Notebooks, desktop computers, servers, graphic cards cards
5. Portable gaming devices, personal navigation systems, personal multimedia devices
6. Automotive systems
7. Telecomm base stations
3. Dimension
4. Part Numbering
HPC4030NF-Series
HPC
4030
NF
-
100
M
A
B
C
D
E
A: Series
B: Dimension
A/B*C
C: Type
D: Inductance
1R0=1.00uH,100=10uH,101=100uH,102=1000uH
E: Inductance Tolerance
K=±10%, L=±15%,M=±20%,Y=±30%.
marking direction cannot decide polarity. Color: Black, unidirectional.
magnetic shielding
.
SMD Power Inductor
Recommendend Land pattern
Series
*A(mm) *B(mm) C(mm) D(mm) E(mm)
HPC4030NF 4.0±0.2 4.0±0.2 3.0Max. 1.35±0.3 3.4±0.4
*Dimensions are not including the termination. For maximum overall dimensions
with ternmination , add 0.1mm.
Halogen-free
Halogen
a(mm)
b(mm)
c(mm)
1.3Typ
1.5Typ
3.7Typ
Note: 1. The above PCB layout reference only.
2. Recommend solder paste thickness at
0.12mm and above.


Similar Part No. - HPC4030NF-R68M

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
HPC4010TF TAI-TECH-HPC4010TF Datasheet
435Kb / 2P
Power Inductor
HPC4010TF-100M TAI-TECH-HPC4010TF-100M Datasheet
435Kb / 2P
Power Inductor
HPC4010TF-150M TAI-TECH-HPC4010TF-150M Datasheet
435Kb / 2P
Power Inductor
HPC4010TF-1R0Y TAI-TECH-HPC4010TF-1R0Y Datasheet
435Kb / 2P
Power Inductor
HPC4010TF-220M TAI-TECH-HPC4010TF-220M Datasheet
435Kb / 2P
Power Inductor
More results

Similar Description - HPC4030NF-R68M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com