Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFP322512BF-R47M Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # DFP322512BF-R47M
Description  Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

DFP322512BF-R47M Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  DFP322512BF-R47M Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. DFP322512BF-R47M Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. DFP322512BF-R47M Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TAI-TECH
www.tai-tech.com.tw
P2
1. Features
2. Dimension
3. Part Numbering
4. Specification
Note:
Isat:Saturation Current (Isat) will cause L0 to drop approximately 30%.
Irms:Heat Rated Current (Irms) will cause the coil temperature rise approximately ΔT of 40℃
DFP
322512 BF -
1R0
M
A
B
C
D
E
A: Series
B: Dimension
C: Lead Free
Material
D: Inductance
1R0=1.0uH
E: Inductance Tolerance
M=±20%
Series
A(mm)
B(mm)
C(mm)
D(mm)
E(mm)
DFP322512BF
3.2±0.2
2.5±0.2
1.2Max
1.0±0.2.
1.3±0.2.
Power Inductor
DFP322512BF-SERIES
TAI-TECH
Part Number
Inductance
(uH)
Tolerance
(%)
Test
Frequency
(Hz)
DCR
(Ω) typ.
DCR
(Ω) Max.
I sat
(A) typ.
I sat
(A) Max.
I rms
(A) typ
I rms
(A) MAX
DFP322512BF-R47M
0.47
±
20
1V/1M
0.025
0.030
5.50
5.00
4.20
3.70
DFP322512BF-R68M
0.68
±
20
1V/1M
0.032
0.038
4.80
4.30
4.00
3.50
DFP322512BF-1R0M
1.00
±
20
1V/1M
0.034
0.045
4.60
3.70
3.70
3.10
DFP322512BF-1R5M
1.50
±
20
1V/1M
0.052
0.063
3.30
3.00
2.90
2.60
DFP322512BF-2R2M
2.20
±
20
1V/1M
0.077
0.092
2.80
2.50
2.40
2.10
DFP322512BF-3R3M
3.30
±
20
1V/1M
0.105
0.126
2.30
2.00
2.10
1.80
DFP322512BF-4R7M
4.70
±
20
1V/1M
0.160
0.190
2.00
1.80
1.60
1.40
DFP322512BF-6R8M
6.80
±
20
1V/1M
0.230
0.276
1.60
1.40
1.40
1.20
DFP322512BF-100M
10.0
±
20
1V/1M
0.350
0.420
1.30
1.20
1.00
0.90
Halogen-free
Halogen
1. This specification applies Low Profile Power Inductors.
2. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
3. Operating temperature :-40~+125℃ (Including self - temperature rise)


Similar Part No. - DFP322512BF-R47M

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
DFP322510BF TAI-TECH-DFP322510BF Datasheet
140Kb / 3P
Power Inductor
DFP322510BF-100M TAI-TECH-DFP322510BF-100M Datasheet
140Kb / 3P
Power Inductor
DFP322510BF-1R0M TAI-TECH-DFP322510BF-1R0M Datasheet
140Kb / 3P
Power Inductor
DFP322510BF-1R5M TAI-TECH-DFP322510BF-1R5M Datasheet
140Kb / 3P
Power Inductor
DFP322510BF-2R2M TAI-TECH-DFP322510BF-2R2M Datasheet
140Kb / 3P
Power Inductor
More results

Similar Description - DFP322512BF-R47M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R0612-8R2K ETC1-R0612-8R2K Datasheet
38Kb / 1P
Power Inductor
logo
Sumida Corporation
CDRC62 SUMIDA-CDRC62 Datasheet
228Kb / 2P
Power Inductor
CDRR127 SUMIDA-CDRR127 Datasheet
32Kb / 1P
Power Inductor
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C2DEP1010 SUMIDA-C2DEP1010 Datasheet
206Kb / 3P
Power Inductor
CDEP1411 SUMIDA-CDEP1411 Datasheet
222Kb / 4P
Power Inductor
CDRH8D38A SUMIDA-CDRH8D38A_11 Datasheet
170Kb / 4P
Power Inductor
CDRR75 SUMIDA-CDRR75 Datasheet
174Kb / 4P
Power Inductor
CDRR107 SUMIDA-CDRR107_11 Datasheet
153Kb / 4P
Power Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com