Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFP252012BF-R24M Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # DFP252012BF-R24M
Description  Power Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

DFP252012BF-R24M Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  DFP252012BF-R24M Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. DFP252012BF-R24M Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
P2
1. Features
2. Dimension
3. Part Numbering
4. Specification
1. This specification applies Low Profile Power Inductors.
2. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
3. Operating temperature :-40~+125℃ (Including self - temperature rise)
DFP
252012 BF
-
R47
M
A
B
C
D
E
A: Series
B: Dimension
C: Lead Free
Material
D: Inductance
R47=0.47uH
E: Inductance Tolerance
M=±20%
Series
A(mm)
B(mm)
C(mm)
D(mm)
E(mm)
DFP252012BF
2.5 -0.1/+0.2
2.0 -0.1/+0.2
1.2Max
0.85 ref. 0.80 ref.
Units: mm
Power Inductor
DFP252012BF-SERIES
TAI-TECH
Part Number
Inductance
(uH)
Tolerance
(%)
Test Frequency
(Hz)
DCR
(Ω) typ.
DCR
(Ω) Max.
I sat
(A) typ.
I sat
(A) Max.
I rms
(A) typ
I rms
(A) Max
DFP252012BF-R24M
0.24
±20%
0.1V/1M
0.024
0.028
8.00
6.50
4.70
4.20
DFP252012BF-R33M
0.33
±20%
0.1V/1M
0.027
0.032
5.70
4.60
4.50
4.00
DFP252012BF-R47M
0.47
±20%
0.1V/1M
0.027
0.032
5.50
4.50
4.40
3.90
DFP252012BF-R68M
0.68
±20%
0.1V/1M
0.036
0.043
4.50
3.80
3.60
3.20
DFP252012BF-1R0M
1.0
±20%
0.1V/1M
0.045
0.057
3.90
3.40
3.50
3.15
DFP252012BF-1R5M
1.5
±20%
0.1V/1M
0.080
0.096
3.00
2.60
2.50
2.25
DFP252012BF-2R2M
2.2
±20%
0.1V/1M
0.085
0.102
2.70
2.30
2.30
2.00
Note:
Isat:Based on inductance change (△L/L0:≦30%)@ ambient temp. 25℃
Irms:Based on temperature rise (△T:40℃.)Max
C
A
B
D
D
E
Halogen-free
Halogen


Similar Part No. - DFP252012BF-R24M

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
DFP252012TV TAI-TECH-DFP252012TV Datasheet
82Kb / 2P
Power Inductor
DFP252012TV-1R0M TAI-TECH-DFP252012TV-1R0M Datasheet
82Kb / 2P
Power Inductor
DFP252012TV-1R5M TAI-TECH-DFP252012TV-1R5M Datasheet
82Kb / 2P
Power Inductor
DFP252012TV-2R2M TAI-TECH-DFP252012TV-2R2M Datasheet
82Kb / 2P
Power Inductor
DFP252012TV-R24M TAI-TECH-DFP252012TV-R24M Datasheet
82Kb / 2P
Power Inductor
More results

Similar Description - DFP252012BF-R24M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R0612-8R2K ETC1-R0612-8R2K Datasheet
38Kb / 1P
Power Inductor
logo
Sumida Corporation
CDRC62 SUMIDA-CDRC62 Datasheet
228Kb / 2P
Power Inductor
CDRR127 SUMIDA-CDRR127 Datasheet
32Kb / 1P
Power Inductor
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C2DEP1010 SUMIDA-C2DEP1010 Datasheet
206Kb / 3P
Power Inductor
CDEP1411 SUMIDA-CDEP1411 Datasheet
222Kb / 4P
Power Inductor
CDRH8D38A SUMIDA-CDRH8D38A_11 Datasheet
170Kb / 4P
Power Inductor
CDRR75 SUMIDA-CDRR75 Datasheet
174Kb / 4P
Power Inductor
CDRR107 SUMIDA-CDRR107_11 Datasheet
153Kb / 4P
Power Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com