Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFP201612NF-R68M Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # DFP201612NF-R68M
Description  Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

DFP201612NF-R68M Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  DFP201612NF-R68M Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. DFP201612NF-R68M Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. DFP201612NF-R68M Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TAI-TECH
www.tai-tech.com.tw
P2
1. Features
2. Dimension
3. Part Numbering
4. Specification
DFP
201612 NF
-
R24
M
A
B
C
D
E
A: Series
B: Dimension
C: Lead Free
Material
D: Inductance
R24=0.24uH
E: Inductance Tolerance
M=±20%
Series
A(mm)
B(mm)
C(mm)
D(mm)
E(mm)
DFP201612NF
2.0 -0.1/+0.2
1.6 -0.1/+0.2
1.20Max.
0.60 ref. 0.80 ref.
Power Inductor
DFP201612NF-SERIES
TAI-TECH
Part Number
Inductance
(uH)
Tolerance
(%)
Test
Frequency
(Hz)
DCR
(Ω) typ.
DCR
(Ω) Max.
I sat
(A) typ.
I sat
(A) Max.
I rms
(A) typ.
I rms
(A) Max.
DFP201612NF-R24M
0.24
±20%
0.1V/1M
0.025
0.033
5.40
4.80
4.00
3.50
DFP201612NF-R33M
0.33
±20%
0.1V/1M
0.027
0.034
4.70
3.90
3.90
3.20
DFP201612NF-R47M
0.47
±20%
0.1V/1M
0.035
0.046
3.90
3.50
3.30
2.90
DFP201612NF-R56M
0.56
±20%
0.1V/1M
0.053
0.064
3.50
3.00
3.00
2.60
DFP201612NF-R68M
0.68
±20%
0.1V/1M
0.055
0.066
3.30
2.80
3.00
2.60
DFP201612NF-1R0M
1.00
±20%
0.1V/1M
0.080
0.104
3.00
2.50
2.70
2.30
DFP201612NF-1R2M
1.20
±20%
0.1V/1M
0.088
0.106
3.00
2.50
2.70
2.30
DFP201612NF-1R5M
1.50
±20%
0.1V/1M
0.090
0.108
2.50
2.00
2.10
1.80
DFP201612NF-2R2M
2.20
±20%
0.1V/1M
0.155
0.186
2.00
1.60
1.50
1.30
Note:
Isat:Saturation Current (Isat) will cause L0 to drop approximately 30%.
Irms:Heat Rated Current (Irms) will cause the coil temperature rise approximately ΔT of 40℃
Halogen-free
Halogen
1. This specification applies Low Profile Power Inductors.
2. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
3. Operating temperature :-40~+125℃ (Including self - temperature rise)


Similar Part No. - DFP201612NF-R68M

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
DFP201612NV TAI-TECH-DFP201612NV Datasheet
80Kb / 3P
Power Inductor
DFP201612NV-1R0M TAI-TECH-DFP201612NV-1R0M Datasheet
80Kb / 3P
Power Inductor
DFP201612NV-1R2M TAI-TECH-DFP201612NV-1R2M Datasheet
80Kb / 3P
Power Inductor
DFP201612NV-1R5M TAI-TECH-DFP201612NV-1R5M Datasheet
80Kb / 3P
Power Inductor
DFP201612NV-2R2M TAI-TECH-DFP201612NV-2R2M Datasheet
80Kb / 3P
Power Inductor
More results

Similar Description - DFP201612NF-R68M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R0612-8R2K ETC1-R0612-8R2K Datasheet
38Kb / 1P
Power Inductor
logo
Sumida Corporation
CDRC62 SUMIDA-CDRC62 Datasheet
228Kb / 2P
Power Inductor
CDRR127 SUMIDA-CDRR127 Datasheet
32Kb / 1P
Power Inductor
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C2DEP1010 SUMIDA-C2DEP1010 Datasheet
206Kb / 3P
Power Inductor
CDEP1411 SUMIDA-CDEP1411 Datasheet
222Kb / 4P
Power Inductor
CDRH8D38A SUMIDA-CDRH8D38A_11 Datasheet
170Kb / 4P
Power Inductor
CDRR75 SUMIDA-CDRR75 Datasheet
174Kb / 4P
Power Inductor
CDRR107 SUMIDA-CDRR107_11 Datasheet
153Kb / 4P
Power Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com