Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS612LSG Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS612LSG
Description  DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS612LSG Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS612LSG Datasheet HTML 1Page - Allegro MicroSystems ATS612LSG Datasheet HTML 2Page - Allegro MicroSystems ATS612LSG Datasheet HTML 3Page - Allegro MicroSystems ATS612LSG Datasheet HTML 4Page - Allegro MicroSystems ATS612LSG Datasheet HTML 5Page - Allegro MicroSystems ATS612LSG Datasheet HTML 6Page - Allegro MicroSystems ATS612LSG Datasheet HTML 7Page - Allegro MicroSystems ATS612LSG Datasheet HTML 8Page - Allegro MicroSystems ATS612LSG Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ATS612LSG
DYNAMIC, SELF-CALIBRATING,
PEAK-DETECTING, DIFFERENTIAL
HALL-EFFECT GEAR-TOOTH SENSOR
Pin 1: Supply
Pin 2: Output
Pin 3: Capacitor
Pin 4: Ground
The ATS612LSG gear-tooth sensor is a peak-detecting device
that uses automatic gain control to provide extremely accurate gear
edge detection down to low operating speeds. Each sensor module
consists of an over-molded package, which holds together a
samarium-cobalt magnet, a pole piece and a differential open-
collector Hall IC that has been optimized to the magnetic circuit.
This small package can be easily assembled and used in
conjunction with a wide variety of gear shapes and sizes.
The sensor incorporates a dual-element Hall IC that switches in
response to differential magnetic signals created by ferrous targets.
The sophisticated processing circuitry contains a 5-bit D/A
converter that self-calibrates (normalizes) the internal gain of the
device to minimize the effect of air-gap variations. The patented
peak-detecting filter circuit eliminates magnet and system offsets
and has the ability to discriminate relatively fast changes such as
those caused by tilt, gear wobble, and other eccentricities, yet
provides stable operation to extremely low RPM.
This sensor system is ideal for use in gathering speed, position,
and timing information using gear-tooth-based configurations. The
ATS612 is particularly suited to those applications that require
extremely accurate duty cycle control or accurate edge detection
such as in automotive crankshaft applications. The lower vibration
sensitivity also makes this device extremely useful for transmission
speed sensing.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC ..............................…. 24 V
Reverse Supply Voltage, VRCC ................. –16 V
Output OFF Voltage, VOUT ......................... 24 V
Continuous Output Current, IOUT ............ 25 mA
Reverse Output Current, IROUT ............... 50 mA
Package Power Dissipation, PD ...... See Graph
Operating Temperature Range,
TA .............................. –40°
°°°C to +150°°°°C
Storage Temperature, TS ...................... +170°
°°°C
Maximum Junction Temperature,
TJ .................................................. 165°
°°° C
FEATURES AND BENEFITS
Fully Optimized Differential Digital Gear-Tooth Sensor
Single-Chip Sensing IC for High Reliability
Digital Output Representing Target Profile
Extremely Low Timing Accuracy Drift with Temperature
Large Operating Air Gaps
Small Mechanical Size
Optimized Magnetic Circuit
Patented Peak-Detecting Filter:
80 µs Typical Power-On Time
<10 RPM Operation (single-tooth target)
Uses Small Value Ceramic Capacitors
Under-Voltage Lockout
Wide Operating Voltage Range
Defined Power-On State
ATS612G-DS Rev. 0a


Similar Part No. - ATS612LSG

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS612LSB ALLEGRO-ATS612LSB Datasheet
208Kb / 16P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS612LSB ALLEGRO-ATS612LSB Datasheet
358Kb / 17P
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor
April 27, 2007
ATS612LSB ALLEGRO-ATS612LSB Datasheet
193Kb / 17P
True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
May 1, 2006
ATS612LSB ALLEGRO-ATS612LSB_1 Datasheet
358Kb / 17P
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor
April 27, 2007
More results

Similar Description - ATS612LSG

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS610LSA ALLEGRO-ATS610LSA Datasheet
182Kb / 16P
DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSORS
ATS610LSC ALLEGRO-ATS610LSC Datasheet
82Kb / 12P
DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
September 3, 1998
ATS612JSB ALLEGRO-ATS612JSB Datasheet
183Kb / 16P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS632LSC ALLEGRO-ATS632LSC Datasheet
75Kb / 12P
ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
April 8, 1998
ATS612LSB ALLEGRO-ATS612LSB Datasheet
208Kb / 16P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS616LSG ALLEGRO-ATS616LSG Datasheet
444Kb / 14P
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
ATS612LSB ALLEGRO-ATS612LSB_1 Datasheet
358Kb / 17P
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor
April 27, 2007
ATS617LSG ALLEGRO-ATS617LSG Datasheet
496Kb / 16P
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
ATS616 ALLEGRO-ATS616 Datasheet
421Kb / 14P
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
ATS617 ALLEGRO-ATS617 Datasheet
494Kb / 16P
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com