Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS625LSGTN Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ATS625LSGTN
Description  True Zero-Speed Low-Jitter High Accuracy Gear Tooth Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS625LSGTN Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ATS625LSGTN Datasheet HTML 9Page - Allegro MicroSystems ATS625LSGTN Datasheet HTML 10Page - Allegro MicroSystems ATS625LSGTN Datasheet HTML 11Page - Allegro MicroSystems ATS625LSGTN Datasheet HTML 12Page - Allegro MicroSystems ATS625LSGTN Datasheet HTML 13Page - Allegro MicroSystems ATS625LSGTN Datasheet HTML 14Page - Allegro MicroSystems ATS625LSGTN Datasheet HTML 15Page - Allegro MicroSystems ATS625LSGTN Datasheet HTML 16Page - Allegro MicroSystems ATS625LSGTN Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
True Zero-Speed Low-Jitter High Accuracy
Gear Tooth Sensor
ATS625LSG
13
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
AGC (Automatic Gain Control)
The AGC feature is implemented by a unique patented self-
calibrating circuitry. After each power-on, the device measures
the peak-to-peak magnetic signal. The gain of the sensor is then
adjusted, keeping the internal signal amplitude constant over the
air gap range of the device, AG. This feature ensures that opera-
tional characteristics are isolated from the effects of changes in
AG. The effect of AGC is shown in figure 7.
Differential Electrical Signal versus Target Rotation
at Various Air Gaps, Without AGC
Differential Electrical Signal versus Target Rotation
at Various Air Gaps, With AGC
0.25 mm
AG:
0.50 mm
1.00 mm
1.50 mm
2.00 mm
0.25 mm
AG:
0.50 mm
1.00 mm
1.50 mm
2.00 mm
Target Rotation (°)
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
0
3
6
9
12
15
18
21
24
Target Rotation (°)
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
0
3
6
9
1215182124
Offset Adjustment
In addition to normalizing performance over varying AG, the
gain control circuitry also reduces the effect of chip, magnet,
and installation offsets. This is accomplished using two DACs
(D to A converters) that capture the peaks and valleys of the
processed signal, VPROC, and use it as a reference for the Thresh-
old Comparator subcircuit, which controls device switching. If
induced offsets bias the absolute signal up or down, AGC and
the dynamic DAC behavior work to normalize and reduce the
impact of the offset on sensor performance.
Figure 7. Effect of AGC. The left panel shows the process signal, VPROC, without AGC. The right panel shows the effect with
AGC. The result is a normalized VPROC, which allows optimal performance by the rest of the circuits that reference this signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com