Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1120192 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # T1120192
Description  Anchor, Bumper Post, 3.5inX 60in
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

T1120192 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  T1120192 Datasheet HTML 1Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
General
Coating
Galvanized
Number of Helices
1
Type
Helical Anchors
UPC
096359055846
Dimensions
Anchor Helix Diameter(s)
8 in
Length
60.000 in
Weight
44.100 lb
Logistics
Pallet Quantity
12 EA
Standard Package
1
For further technical assistance, please contact us
Domestic Customer Service
Hubbell Power Systems
210 N. Allen Centralia, MO 65240 USA
Phone: (573) 682-5521
Fax: (573) 682-8475
Email: hpscs@hubbell.com
International Customer Service
Phone: +1-573-682-5521
Fax: +1-573-682-8516
Email: hpsintlcs@hubbell.com
* Representative image
Anchor, Bumper Post, 3.5inX
60in
by CHANCE Utility
Catalog ID: T1120192
Bumper Post 3.5" (88.9 mm) Outside Diameter Pipe, 60" (1524 mm) long
with 8" (203 mm) Helix.
Protect transformers, switchgear and guys.
Installation in minutes regardless of weather conditions.
Hot dipped galvanized per ASTM A153


Similar Part No. - T1120192

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T112019 E-SWITCH-T112019 Datasheet
32Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T1120192

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D057 ETC2-D057 Datasheet
49Kb / 1P
Solder Anchor
logo
PREMO CORPORATION S.L
KGEA-BA PREMO-KGEA-BA Datasheet
278Kb / 2P
Keyless go emitter bumper antenna
logo
Molex Electronics Ltd.
130180-0151 MOLEX11-130180-0151 Datasheet
37Kb / 1P
Bumper (217) Tubelight
1301800151 MOLEX11-1301800151 Datasheet
29Kb / 1P
Bumper (217) Tubelight
logo
SparkFun Electronics
SEN-11999 SPARKFUN-SEN-11999 Datasheet
118Kb / 2P
SparkFun RedBot Sensor - Mechanical Bumper
logo
Hubbell Incorporated.
P0010259P HUBBELL-P0010259P Datasheet
372Kb / 1P
Anchor Tool Bolt
055371P HUBBELL-055371P Datasheet
369Kb / 1P
Anchor Tool Lockwasher
12251A HUBBELL-12251A Datasheet
367Kb / 1P
Anchor, PISA Rod, Extension Anchor, PISA Rod, Extension
C1120275 HUBBELL-C1120275 Datasheet
368Kb / 1P
Anchor, Bumper Post, 3.5inX 84in
logo
List of Unclassifed Man...
FTH-34-01 ETC-FTH-34-01 Datasheet
19Kb / 1P
TIE ANCHOR MOUNT
21/02/11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com