Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R353 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # R353
Description  Anchor, Rock 1.75in X 53in 3/4in Rod
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

R353 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  R353 Datasheet HTML 1Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
General
Coating
Galvanized
Eyenut Style
Tripleye
Strength Note
Ultimate strength ratings apply to properly installed anchors only. Failure to
install within 5° of alignment with the guy load may significantly lower
strength. Recommended minimum installation depth is 12" in solid rock.
Tensile Strength
23000 lb
Type
Rock Anchors
UPC
096359051169
Dimensions
Anchor Hole Size
2 in
Diameter
1.75 in
Length
53.000 in
Rod Diameter
0.750 in
Weight
9.408 lb
Certifications and Compliance
Industry Standard(s)
RUS Accepted
Logistics
Pallet Quantity
50 EA
Standard Package
5
For further technical assistance, please contact us
Domestic Customer Service
Hubbell Power Systems
210 N. Allen Centralia, MO 65240 USA
Phone: (573) 682-5521
Fax: (573) 682-8475
Email: hpscs@hubbell.com
International Customer Service
Phone: +1-573-682-5521
Fax: +1-573-682-8516
Email: hpsintlcs@hubbell.com
* Representative image
Anchor, Rock 1.75in X 53in 3/4in
Rod
by CHANCE Utility
Catalog ID: R353
Expanding Rock Anchor 0.75" (19.1 mm) Diameter Rod, 53" (1346 mm)
long with Tripleye.
Anchor expands and wedges against solid walls of rock
The large drop-forged Tripleye® rod holds up to three guy strands
Hot dipped galvanized per ASTM A153


Similar Part No. - R353

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
R3532 MPSIND-R3532 Datasheet
244Kb / 1P
VIDEO ISOLATION TRANSFORMER
R3536 MPSIND-R3536 Datasheet
274Kb / 1P
MINI VIDEO ISOLATION TRANSFORMER
R3536-1 MPSIND-R3536-1 Datasheet
274Kb / 1P
MINI VIDEO ISOLATION TRANSFORMER
R3536-2 MPSIND-R3536-2 Datasheet
274Kb / 1P
MINI VIDEO ISOLATION TRANSFORMER
R3536-3 MPSIND-R3536-3 Datasheet
274Kb / 1P
MINI VIDEO ISOLATION TRANSFORMER
More results

Similar Description - R353

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
PSC1022177 HUBBELL-PSC1022177 Datasheet
360Kb / 1P
Rod, Anchor Extension, 3/4in X 3ft Tripleye
C2000098 HUBBELL-C2000098 Datasheet
366Kb / 1P
Rod, Expanding/Cross-Plate Anchor protected tube 3/4in X 8ft Tripleye
C2000094 HUBBELL-C2000094 Datasheet
366Kb / 1P
Rod, Expanding/Cross-Plate Anchor protected tube 3/4in X 8ft Twineye
C2000092 HUBBELL-C2000092 Datasheet
363Kb / 1P
Rod, Expanding/Cross-Plate Anchor protected tube 3/4in X 6ft Twineye
C2000090 HUBBELL-C2000090 Datasheet
367Kb / 1P
Rod, Expanding/Cross-Plate Anchor protected tube 3/4in X 8ft Thimbleye
12699 HUBBELL-12699 Datasheet
366Kb / 1P
Anchor, Extension, Round Rod, 1-1/4in X 10ft
4022 HUBBELL-4022 Datasheet
360Kb / 1P
Rod, Anchor Extension, 1-1/4in X 2ft Tripleye
PS4023 HUBBELL-PS4023 Datasheet
360Kb / 1P
Rod, Anchor Extension, 1-1/4in X 3ft Tripleye
W1040055 HUBBELL-W1040055 Datasheet
359Kb / 1P
Anchor, Rock, Grouted Rod 1-1/4in X 84in
W1040004 HUBBELL-W1040004 Datasheet
360Kb / 1P
Anchor, Rock, Grouted Rod 1-1/4in X 36in
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com