Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R84LE Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # R84LE
Description  Anchor, Rock 1in X 80in Extendable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

R84LE Datasheet(HTML) 1 Page - Hubbell Incorporated.

  R84LE Datasheet HTML 1Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
General
Coating
Galvanized
Strength Note
Ultimate strength ratings apply to properly installed anchors only. Failure to
install within 5° of alignment with the guy load may significantly lower
strength. Recommended minimum installation depth is 12" in solid rock.
Tensile Strength
36000 lb
Type
Rock Anchors
UPC
096359454410
Dimensions
Anchor Hole Size
2.5 in
Diameter
2.25 in
Length
84.000 in
Rod Diameter
1.000 in
Weight
23.000 lb
Logistics
Standard Package
2
For further technical assistance, please contact us
Domestic Customer Service
Hubbell Power Systems
210 N. Allen Centralia, MO 65240 USA
Phone: (573) 682-5521
Fax: (573) 682-8475
Email: hpscs@hubbell.com
International Customer Service
Phone: +1-573-682-5521
Fax: +1-573-682-8516
Email: hpsintlcs@hubbell.com
* Representative image
Anchor, Rock 1in X 80in
Extendable
by CHANCE Utility
Catalog ID: R84LE
Expanding Rock Anchor 1" (25.4 mm) Diameter Rod, 84" (2134 mm) long
(Eyenut ordered separate).
Anchor expands and wedges against solid walls of rock
Use with Pisa Couplings and Eyenuts
Hot dipped galvanized per ASTM A153


Similar Part No. - R84LE

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
R8432-40 MOLEX11-R8432-40 Datasheet
2Mb / 39P
Hawk Discrete Wire Termination Machine Operation Manual
R8432-87 MOLEX11-R8432-87 Datasheet
115Kb / 4P
PNEUMATIC BENCH TERMINATOR ASSEMBLY w/FOOT SWITCH
logo
Hamamatsu Corporation
R8486 HAMAMATSU-R8486 Datasheet
46Kb / 4P
PHOTOMULTIPLIER TUBE
R8486 HAMAMATSU-R8486_03 Datasheet
141Kb / 4P
PHOTOMULTIPLIER TUBES
R8486 HAMAMATSU-R8486_15 Datasheet
225Kb / 4P
PHOTOMULTIPLIER TUBES
More results

Similar Description - R84LE

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
PSC1022306 HUBBELL-PSC1022306 Datasheet
360Kb / 1P
Rod, Anchor Extension, 1in X 3ft Tripleye
PSC1022184 HUBBELL-PSC1022184 Datasheet
360Kb / 1P
Rod, Anchor Extension, 1in X 3ft Twineye
C1021987 HUBBELL-C1021987 Datasheet
368Kb / 1P
Anchor, PISA Rod, 1in X 3.5ft 50kip rating, 1in threads
C1022061 HUBBELL-C1022061 Datasheet
367Kb / 1P
Anchor, PISA Rod, 1in X 3.5ft corrosion protection, 1in threads
12334P HUBBELL-12334P Datasheet
367Kb / 1P
Anchor, PISA Rod, 1in X 7ft, 1in threads
E1020053 HUBBELL-E1020053 Datasheet
372Kb / 1P
Anchor, PISA Rod, 1in X 7ft Tripleye, 1in threads
E1020049 HUBBELL-E1020049 Datasheet
373Kb / 1P
Anchor, PISA Rod, 1in X 3.5ft Tripleye, 1in threads
E1020045 HUBBELL-E1020045 Datasheet
372Kb / 1P
Anchor, PISA Rod, 1in X 7ft Twineye, 1in threads
E1020041 HUBBELL-E1020041 Datasheet
372Kb / 1P
Anchor, PISA Rod, 1in X 3.5ft Twineye, 1in threads
E1020037 HUBBELL-E1020037 Datasheet
370Kb / 1P
Anchor, PISA Rod, 1in X 7ft Thimbleye, 1in threads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com