Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS642LSH Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS642LSH
Description  Two-Wire True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor with Continuous Calibration
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS642LSH Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS642LSH Datasheet HTML 1Page - Allegro MicroSystems ATS642LSH Datasheet HTML 2Page - Allegro MicroSystems ATS642LSH Datasheet HTML 3Page - Allegro MicroSystems ATS642LSH Datasheet HTML 4Page - Allegro MicroSystems ATS642LSH Datasheet HTML 5Page - Allegro MicroSystems ATS642LSH Datasheet HTML 6Page - Allegro MicroSystems ATS642LSH Datasheet HTML 7Page - Allegro MicroSystems ATS642LSH Datasheet HTML 8Page - Allegro MicroSystems ATS642LSH Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ATS642LSH
ATS642LSH-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC ..........................................28 V
Reverse-Supply Voltage, VRCC ........................–18 V
Operating Temperature
Ambient, TA,...............................–40ºC to 150ºC
Maximum Junction, TJ(max)........................165ºC
Storage Temperature, TS ..................–65ºC to 170ºC
• Running mode calibration for continu-
ous optimization
• Single chip IC for high reliability
• Internal current regulator for 2-wire
operation
• Small mechanical size (8 mm
diameter x 5.5 mm depth)
• Precise duty cycle signal over
operating temperature range
• Large operating air gaps
• Automatic Gain Control (AGC)
for air
gap independent switchpoints
• Automatic Offset Adjustment (AOA)
for signal processing optimization
• True zero-speed operation
• Undervoltage lockout
• Wide operating voltage range
The ATS642LSH is an optimized Hall effect sensing integrated circuit and magnet
combination that provides a user-friendly solution for true zero-speed digital
gear-tooth sensing in two-wire applications. The sensor consists of a single-shot
molded plastic package that includes a samarium cobalt magnet, a pole piece,
and a Hall effect IC that has been optimized to the magnetic circuit. This small
package, with optimized two-wire leadframe, can be easily assembled and used in
conjunction with a wide variety of gear shapes and sizes.
The integrated circuit incorporates a dual element Hall effect sensor and signal
processing that switches in response to differential magnetic signals created
by ferrous gear teeth. The circuitry contains a sophisticated digital circuit to
reduce magnet and system offsets, to calibrate the gain for air gap independent
switchpoints, and to achieve true zero-speed operation. Signal optimization occurs
at power-up through the combination of offset and gain adjust and is maintained
throughout the operating time with the use of a running mode calibration. The run-
ning mode calibration allows immunity to environmental effects such as microos-
cillations of the target or sudden air gap changes.
The regulated current output is configured for two wire applications and the
sensor is ideally suited for obtaining speed and duty cycle information in ABS
(antilock braking systems). The 1.5 mm Hall element spacing is optimized for fine
pitch gear-tooth-based configurations. The package is lead (Pb) free, with 100%
matte tin leadframe plating.
Two-Wire True Zero Speed Miniature Differential
Peak-Detecting Gear Tooth Sensor with Continuous Calibration
Package SH, 4-pin Module
Features and Benefits
1. VCC
2. No connection
3. Test pin (float or tie to GND)
4. GND
1 2
3 4
Use the following complete part numbers when ordering:
Part Number
ICC Typical
Packing*
ATS642LSHTN-I1-T
6.0 Low to 14.0 High mA
Tape and reel,
13-inch reel
800 pieces/reel
ATS642LSHTN-I2-T
7.0 Low to 14.0 High mA
*Contact Allegro for additional packing options.


Similar Part No. - ATS642LSH

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS642LSHTN-I1-T ALLEGRO-ATS642LSHTN-I1-T Datasheet
353Kb / 16P
The ATS642LSH is an optimized Hall effect sensing integrated circuit and magnet combination that provides a user-friendly solution for true zero-speed digital gear-tooth sensing in two-wire applications.
ATS642LSHTN-I2-T ALLEGRO-ATS642LSHTN-I2-T Datasheet
353Kb / 16P
The ATS642LSH is an optimized Hall effect sensing integrated circuit and magnet combination that provides a user-friendly solution for true zero-speed digital gear-tooth sensing in two-wire applications.
ATS642LSH ALLEGRO-ATS642LSH_09 Datasheet
353Kb / 16P
The ATS642LSH is an optimized Hall effect sensing integrated circuit and magnet combination that provides a user-friendly solution for true zero-speed digital gear-tooth sensing in two-wire applications.
More results

Similar Description - ATS642LSH

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS645LSH ALLEGRO-ATS645LSH Datasheet
408Kb / 14P
True Zero Speed Miniature Gear Tooth Sensor
A1642LK ALLEGRO-A1642LK Datasheet
326Kb / 13P
Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
ATS682LSH ALLEGRO-ATS682LSH Datasheet
325Kb / 16P
Miniature, Two-Wire, True Zero Speed Differential Peak-Detecting Sensor IC
ATS685LSH ALLEGRO-ATS685LSH Datasheet
445Kb / 15P
Two-Wire, Zero Speed Differential Gear Tooth Sensor IC
A1468 ALLEGRO-A1468 Datasheet
693Kb / 15P
Three-Wire True Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
A1469 ALLEGRO-A1469 Datasheet
881Kb / 15P
Three-Wire True Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
A1642 ALLEGRO-A1642 Datasheet
361Kb / 14P
Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor IC with Continuous Calibration
ATS642 ALLEGRO-ATS642 Datasheet
319Kb / 16P
Two-Wire True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor with Continuous Calibration
ATS682 ALLEGRO-ATS682 Datasheet
323Kb / 16P
Miniature, Two-Wire, True Zero Speed Differential Peak-Detecting Sensor IC
A17301 ALLEGRO-A17301 Datasheet
852Kb / 15P
Three-Wire Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com