Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC14D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVC14D
Description  Hex inverting Schmitt trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC14D Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVC14D Datasheet HTML 1Page - NXP Semiconductors 74ALVC14D Datasheet HTML 2Page - NXP Semiconductors 74ALVC14D Datasheet HTML 3Page - NXP Semiconductors 74ALVC14D Datasheet HTML 4Page - NXP Semiconductors 74ALVC14D Datasheet HTML 5Page - NXP Semiconductors 74ALVC14D Datasheet HTML 6Page - NXP Semiconductors 74ALVC14D Datasheet HTML 7Page - NXP Semiconductors 74ALVC14D Datasheet HTML 8Page - NXP Semiconductors 74ALVC14D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
9397 750 14592
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 15 February 2005
2 of 16
Philips Semiconductors
74ALVC14
Hex inverting Schmitt trigger
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD = CPD × VCC2 × fi × N + Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(CL × VCC2 × fo) = sum of the outputs.
[2]
The condition is VI = GND to VCC.
4.
Ordering information
CI
input capacitance
-
3.5
-
pF
CPD
power dissipation
capacitance per buffer
VCC = 3.3 V
[1] [2] -25
-
pF
Table 1:
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2:
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74ALVC14D
−40 °C to +85 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74ALVC14PW
−40 °C to +85 °C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74ALVC14BQ
−40 °C to +85 °C
DHVQFN14 plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 14 terminals;
body 2.5
× 3 × 0.85 mm
SOT762-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com