Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC14PW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ALVC14PW
Description  Hex inverting Schmitt trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC14PW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVC14PW Datasheet HTML 3Page - NXP Semiconductors 74ALVC14PW Datasheet HTML 4Page - NXP Semiconductors 74ALVC14PW Datasheet HTML 5Page - NXP Semiconductors 74ALVC14PW Datasheet HTML 6Page - NXP Semiconductors 74ALVC14PW Datasheet HTML 7Page - NXP Semiconductors 74ALVC14PW Datasheet HTML 8Page - NXP Semiconductors 74ALVC14PW Datasheet HTML 9Page - NXP Semiconductors 74ALVC14PW Datasheet HTML 10Page - NXP Semiconductors 74ALVC14PW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
9397 750 14592
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 15 February 2005
7 of 16
Philips Semiconductors
74ALVC14
Hex inverting Schmitt trigger
11. Dynamic characteristics
[1]
Typical values are measured at Tamb = 25 °C.
[2]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD = CPD × VCC2 × fi × N + Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
[3]
The condition is VI = GND to VCC.
12. Waveforms
Table 8:
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C [1]
tPHL,
tPLH
propagation delay nA to nY
see Figure 6
VCC = 1.65 V to 1.95 V
1.0
2.9
4.4
ns
VCC = 1.95 V to 2.7 V
1.0
2.2
3.7
ns
VCC = 2.7 V
1.0
2.8
3.9
ns
VCC = 3.0 V to 3.6 V
1.0
2.4
3.4
ns
CPD
power dissipation
capacitance per buffer
VCC = 3.3 V
[2] [3] -25
-
pF
VOL and VOH are typical output voltage drop that occur with the output load.
Fig 6.
Propagation delay input (nA) to output (nY)
Table 9:
Measurement points
Supply
Input
Output
VCC
VM
VM
1.65 V to 1.95 V
0.5
× V
CC
0.5
× V
CC
2.3 V to 2.7 V
0.5
× V
CC
0.5
× V
CC
2.7 V
1.5 V
1.5 V
3.0 V to 3.6 V
1.5 V
1.5 V
mna344
tPHL
tPLH
VM
VM
nA input
nY output
GND
VI
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com