Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPF0702A-R33MN-D Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # TMPF0702A-R33MN-D
Description  SMD Power Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

TMPF0702A-R33MN-D Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  TMPF0702A-R33MN-D Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. TMPF0702A-R33MN-D Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
P2
H
1. Features
2. Applications
3. Dimensions
B
C
E
F
A
 
1R2
1602
D
4. Part Numbering
5. Specification
TMPF0702A-Series(N)-D
1. Soft saturation.
2. High current,low DCR,high efficiency.
3. Very low acoustic noise and very low leakage flux noise.
4. High reliability.
5. 100% Lead(Pb)-Free and RoHS compliant.
6. Operating temperature -40~+125℃(Including self - temperature rise)
Note PC power system,incl. IMVP-6
DC/DC converter .
SMD Power Inductor
Recommend PC Board Pattern
L(mm)
G(mm)
H(mm)
7.4 ref
2.8 ref
7.2 ref
Note: 1、The above PCB layout reference only.
2、Recommend solder paste thickness at
0.15mm and above.
Series
A
(mm)
B
(mm)
C
(mm)
D
(mm)
E
(mm)
F
(mm)
TMPF0702A
7.80±0.25 7.60±0.20 1.85±0.2 See Spec
Table
1.75±0.2 3.15±0.25
Halogen-free
Halogen
TMPF
0702
A
-
1R0
MN
- D
A
B
C
D
E
F
A: Series
B: Dimension
BxC
C: Type
Material.
D: Inductance
1R0=1.0uH
E: Inductance Tolerance
M=±20%
F: Code
Marking: Black.1R0 and 1919(19YY, 19WW,follow production date).
Part Number
Inductance
(uH) ±20%
@ 0 A
I rms(A) Typ
I sat(A)
DCR
(mΩ)
Typ.
DCR
(mΩ)
Max.
D
(mm)
±0.3
20℃
rise
40℃
rise
Typ
Max
TMPF0702A-R33MN-D
0.33
13
19
34
31
4.0
4.8
6.2
TMPF0702A-R47MN-D
0.47
12
17
28
25
5.1
6.2
6.2
TMPF0702A-R68MN-D
0.68
10
13
25
23
7.9
9.2
6.2
TMPF0702A-1R0MN-D
1.00
8.0
11
23
20
9.8
10.8
6.2
Note:
1. Test frequency : L : 100KHz /0.1V.
2. All test data referenced to 25℃ ambient.
3. Testing Instrument : L: HP4284A,HP4395A,CH11025,CH3302,CH1320 ,CH1320S LCR METER / Rdc:CH16502,Agilent33420A MICRO OHMMETER,or EQU.
4. Current that causes the specified temperature rise from 25°C ambient.
5. Saturation Current (Isat) will cause L0 to drop approximately 30%.
6. The part temperature (ambient + temp rise) should not exceed 125℃under worst case operating conditions.Circuit design,component,PCB trace size and
thickness,airflow and other cooling provisions all affect the part temperature. Part temperature should be verified in the end application.
7. Special inquiries besides the above common used types can be met on your requirement.
8. Rated operating voltage(across inductor) 40V ref.
DCR Test
1R0
1919


Similar Part No. - TMPF0702A-R33MN-D

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
TMPF0703A TAI-TECH-TMPF0703A Datasheet
530Kb / 2P
SMD Power Inductor
TMPF0703A-1R0MN-D TAI-TECH-TMPF0703A-1R0MN-D Datasheet
530Kb / 2P
SMD Power Inductor
TMPF0703A-1R5MN-D TAI-TECH-TMPF0703A-1R5MN-D Datasheet
530Kb / 2P
SMD Power Inductor
TMPF0703A-2R2MN-D TAI-TECH-TMPF0703A-2R2MN-D Datasheet
530Kb / 2P
SMD Power Inductor
TMPF0703A-2R7MN-D TAI-TECH-TMPF0703A-2R7MN-D Datasheet
530Kb / 2P
SMD Power Inductor
More results

Similar Description - TMPF0702A-R33MN-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com