Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25210U-R47MA Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # MCP25210U-R47MA
Description  High Current Ferrite Chip Inductor (Lead Free)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

MCP25210U-R47MA Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  MCP25210U-R47MA Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. MCP25210U-R47MA Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
1. Features
2. Dimensions
3. Part Numbering
4. Specification
Chip Size
Series
A(mm)
B(mm)
C(mm)
D(mm)
25210
2.5±0.2
2.0±0.2
1.0max.
0.5±0.3
Tai-Tech
Inductance(uH)
Test Frequency
(Hz)
Rated Current
DCR (Ω)
Part Number
(mA) max.
max.
typ.
MCP25210U-R47MA
0.47±20%
1M / 60mV
1800
0.05
0.04
MCP25210U-1R0MA
1.00±20%
1M / 60mV
1400
0.08
0.065
MCP25210U-1R5MA
1.50±20%
1M / 60mV
1300
0.09
0.075
MCP25210U-2R2MA
2.20±20%
1M / 60mV
1300
0.09
0.075
MCP25210U-3R3MA
3.30±20%
1M / 60mV
1200
0.12
0.09
MCP25210U-4R7MA
4.70±20%
1M / 60mV
1100
0.15
0.12
●
Rated current: based on temperature rise test
●
In compliance with EIA 595
1
2.5x2.0 mm and 1 mm in height (very compact size): CAE and fine printing
technology made this compact size possible
2.
Stable minimum DC resistance in the class.
3.
High speed mounting: Using SMT mounter makes less than a second
mounting possible.
4
Excellent mounting strength by SMD chip making.
5
Reduced noise over 2/3 of coil inductor by optimal design of CAD
Completely lead-free product and support lead-free solder.
6. Operating Temperature:-55~+105℃(Including self-temperature rise)
High Current Ferrite Chip Inductor (Lead Free)
MCP25210U-Series
Halogen-free
Halogen
MCP
25210
U
-
2R2
M
A
A
B
C
D
EF
A: Series
B: Dimension
C: Material
D: Inductance
2R2=2.20uH
E: Inductance Tolerance
M=±20%
F: Category Code


Similar Part No. - MCP25210U-R47MA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP25020 MICROCHIP-MCP25020 Datasheet
602Kb / 56P
CAN I/O EXPANDER FAMILY
2001
MCP25020 MICROCHIP-MCP25020 Datasheet
1Mb / 66P
CAN I/O Expander Family
2007
MCP25020 MICROCHIP-MCP25020 Datasheet
1Mb / 66P
CAN I/O Expander Family
12/08/06
MCP25020 MICROCHIP-MCP25020 Datasheet
668Kb / 66P
CAN I/O Expander Family
12/08/06
MCP25020 MICROCHIP-MCP25020 Datasheet
668Kb / 66P
CAN I/O Expander Family
12/08/06
More results

Similar Description - MCP25210U-R47MA

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
CPI252010UF TAI-TECH-CPI252010UF Datasheet
66Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
CPI201610UF TAI-TECH-CPI201610UF Datasheet
69Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
CPI160809UF TAI-TECH-CPI160809UF Datasheet
66Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
CMPI252010 TAI-TECH-CMPI252010 Datasheet
68Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
MCP21610U TAI-TECH-MCP21610U Datasheet
66Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
MCP2110U TAI-TECH-MCP2110U Datasheet
66Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
MPI252010MF TAI-TECH-MPI252010MF Datasheet
152Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
MPI201610MF TAI-TECH-MPI201610MF Datasheet
152Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
MPI160809SF TAI-TECH-MPI160809SF Datasheet
152Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
MPI160809MF TAI-TECH-MPI160809MF Datasheet
152Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com