Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PREMISE_C5EPRPW Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # PREMISE_C5EPRPW
Description  SPEEDGAIN Category 5e UTP Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

PREMISE_C5EPRPW Datasheet(HTML) 1 Page - Hubbell Incorporated.

  PREMISE_C5EPRPW Datasheet HTML 1Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hubbell Premise Wiring • Hubbell Incorporated (Delaware) • 40 Waterview Drive • Shelton, CT 06484 • Phone (800) 626-0005 • FAX (860) 535-5368
Cable
UTP Cables
SPEEDGAIN Category 5e UTP Cable
Features
Sweep Tested from 1-400 MHz
Guaranteed Headroom Over TIA and ISO Category 5e
Reverse Sequential Footage Marking
Backward Compatible to Category 5 and 3
Ordering Information
Description
Color
Catalog Number UPC Number
SPEEDGAIN Category 5e,
4-Pair, UTP Cable, Plenum
REELEX
White
C5EPRPW
662620201238
Listings
ANSI/TIA/EIA-568-B.2 Category 5e Component
UL Listed and Tested
NEC Article 800 Compliant
UL Verified Performance
Specifications
Wire
24 AWG Bare Solid Copper
Primary Insulation
CMP: FEP
Primary Insulation
CMR: Polyolefin
Cabling
4 Unshielded Twisted Pairs
Outer Jacket
Low Smoke PVC
Inner Jacket
PVC
Applications
Ethernet: 10/100/1000BASE-T
155 Mbps ATM
4/16 Mbps Token Ring
Analog and Digital VoIP
Accessories
SPEEDGAIN Jacks, Category 5e
HXJ5EW
SPEEDGAIN Patch Panel, Category 5e
P5ExxU (xx=Ports)
SPEEDGAIN Patch Cords, Category 5e
PCX5Exx* (xx=Color) (*=Standard
Length)


Similar Part No. - PREMISE_C5EPRPW

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
PREMISE_C5EPRPB HUBBELL-PREMISE_C5EPRPB Datasheet
588Kb / 1P
SPEEDGAIN Category 5e UTP Cable
PREMISE_C5EPRPGY HUBBELL-PREMISE_C5EPRPGY Datasheet
579Kb / 1P
UTP Cables SPEEDGAIN Category 5e UTP Cable
PREMISE_C5EPRPY HUBBELL-PREMISE_C5EPRPY Datasheet
579Kb / 1P
SPEEDGAIN Category 5e UTP Cable
More results

Similar Description - PREMISE_C5EPRPW

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
PREMISE_C5EPRRY HUBBELL-PREMISE_C5EPRRY Datasheet
576Kb / 1P
SPEEDGAIN Category 5e UTP Cable
PREMISE_C5EPRRW HUBBELL-PREMISE_C5EPRRW Datasheet
570Kb / 1P
SPEEDGAIN Category 5e UTP Cable
PREMISE_C5EPRRGY HUBBELL-PREMISE_C5EPRRGY Datasheet
567Kb / 1P
SPEEDGAIN Category 5e UTP Cable
PREMISE_C5EPRRB HUBBELL-PREMISE_C5EPRRB Datasheet
567Kb / 1P
SPEEDGAIN Category 5e UTP Cable
PREMISE_C5EPRPY HUBBELL-PREMISE_C5EPRPY Datasheet
579Kb / 1P
SPEEDGAIN Category 5e UTP Cable
PREMISE_C5EPRPGY HUBBELL-PREMISE_C5EPRPGY Datasheet
579Kb / 1P
UTP Cables SPEEDGAIN Category 5e UTP Cable
PREMISE_C5EPRPB HUBBELL-PREMISE_C5EPRPB Datasheet
588Kb / 1P
SPEEDGAIN Category 5e UTP Cable
PREMISE_C5ERPY HUBBELL-PREMISE_C5ERPY Datasheet
562Kb / 1P
Category 5e UTP Cable
PREMISE_C5ERPGY HUBBELL-PREMISE_C5ERPGY Datasheet
578Kb / 1P
Category 5e UTP Cable
PREMISE_C5ERPB HUBBELL-PREMISE_C5ERPB Datasheet
600Kb / 1P
Category 5e UTP Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com