Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PREMISE_C5ELPRR Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # PREMISE_C5ELPRR
Description  NEXTPOWER CATEGORY 5E 4PPoE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

PREMISE_C5ELPRR Datasheet(HTML) 1 Page - Hubbell Incorporated.

  PREMISE_C5ELPRR Datasheet HTML 1Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hubbell Premise Wiring • Hubbell Incorporated (Delaware) • 40 Waterview Drive • Shelton, CT 06484 • Phone (800) 626-0005 • FAX (860) 535-5368
Cable
UTP Cables
NEXTPOWER CATEGORY 5E 4PPoE
Features
100W OF POWER AND 1 GIGABIT ETHERNET PERFORMANCE
TESTED 350 MHz
PoE and PoE+ Ready
CABLE-ID ALPHA NUMERIC CODE PRINTED
Guaranteed 0.3 dB headroom for IL, ACR and PSACR
Ordering Information
Description
Color
Catalog Number
UPC Number
NEXTPOWER
CATEGORY 5E
4PPoE, 4-PAIR,
UTP CABLE
RED
C5ELPRR
662620660028
Listings
ANSI/TIA-568-C.2 (CATEGORY 5E 4PPoE)
UL LISTED
UL VERIFIED
IEEE 802.3af (PoE), IEEE 802.3at (PoE+), IEEE 802.3bt (4PPPoE)
Specifications
Wire
22 AWG SOLID ANNEALED COPPER
Primary Insulation
CMP:FEP
Primary Insulation
CMR Polyolefin
Cabling
4 Unshielded Twisted Pairs
Outer Jacket
Flame Retardant,Low Smoke PVC
Performance
Installation Temperature
(-0C to +60C (32F to +140F))
Operation Temperature
(-20C to +75C (-4F to +167F))
Applications
4PPoE – IEEE 802.3bt Type 3 and 4 draft D1.2
HDBaseT Class A and B
PoE Applications
Accessories
SPEEDGAIN Jacks, Category 5e
HXJ5E Series
SPEEDGAIN Patch Panel, Category 5e
HP5Exx (xx=Ports)
SPEEDGAIN Patch Cords, Category 5E
HC5Exxyy (xx = color, yy = length in
feet)


Similar Part No. - PREMISE_C5ELPRR

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
PREMISE_C5ELPRB HUBBELL-PREMISE_C5ELPRB Datasheet
492Kb / 1P
NextPower Catrgory 5E 4PPoE
PREMISE_C5ELPRBK HUBBELL-PREMISE_C5ELPRBK Datasheet
494Kb / 1P
NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPRGN HUBBELL-PREMISE_C5ELPRGN Datasheet
495Kb / 1P
NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPRGY HUBBELL-PREMISE_C5ELPRGY Datasheet
493Kb / 1P
NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPRLG HUBBELL-PREMISE_C5ELPRLG Datasheet
495Kb / 1P
NEXTPOWER CATEGORY 5E 4PPoE
More results

Similar Description - PREMISE_C5ELPRR

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
PREMISE_C5ELPRP HUBBELL-PREMISE_C5ELPRP Datasheet
495Kb / 1P
NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPROR HUBBELL-PREMISE_C5ELPROR Datasheet
496Kb / 1P
NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPRLG HUBBELL-PREMISE_C5ELPRLG Datasheet
495Kb / 1P
NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPRGY HUBBELL-PREMISE_C5ELPRGY Datasheet
493Kb / 1P
NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPRGN HUBBELL-PREMISE_C5ELPRGN Datasheet
495Kb / 1P
NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPPR HUBBELL-PREMISE_C5ELPPR Datasheet
496Kb / 1P
NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPPLG HUBBELL-PREMISE_C5ELPPLG Datasheet
495Kb / 1P
NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPPGY HUBBELL-PREMISE_C5ELPPGY Datasheet
493Kb / 1P
NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPPGN HUBBELL-PREMISE_C5ELPPGN Datasheet
495Kb / 1P
NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPPBK HUBBELL-PREMISE_C5ELPPBK Datasheet
486Kb / 1P
NEXTPOWER CATEGORY 5E 4PPoE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com