Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NC4MP Datasheet(PDF) 1 Page - Neutrik AG

Part # NC4MP
Description  4 pole male receptacle, solder contacts, Nickel housing, silver contacts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NC4MP Datasheet(HTML) 1 Page - Neutrik AG

  NC4MP Datasheet HTML 1Page - Neutrik AG NC4MP Datasheet HTML 2Page - Neutrik AG NC4MP Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NC4MP
4 pole male receptacle, solder contacts, Nickel housing, silver
contacts
Smallest available traditional style metal panel mount connector
with large solder cups for ease hard wiring.
Features & Benefits
Smallest available hard wiring receptacles with large
solder cups
Compatible with switchcraft D*M, D*F; Cannon
XLB2*31, XLB2*32
NC4MP
1
/3


Similar Part No. - NC4MP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NC4MP-B ETC2-NC4MP-B Datasheet
98Kb / 4P
Smallest available hard wiring receptacles with large solder cups
logo
Neutrik AG
NC4MP-B NEUTRIK-NC4MP-B Datasheet
88Kb / 3P
4 pole male receptacle, solder contacts, black metal housing, gold contacts
NC4MP-BAG NEUTRIK-NC4MP-BAG Datasheet
87Kb / 3P
4 pole male receptacle, solder contacts, black metal housing, silver contacts
NC4MPR-HD NEUTRIK-NC4MPR-HD Datasheet
96Kb / 3P
Heavy duty sealed male 4-pole XLR chassis connector for outdoor use, weatherproof applications as well as in a wide range of industrial applications.
More results

Similar Description - NC4MP

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NC4MD-L-1 NEUTRIK-NC4MD-L-1 Datasheet
69Kb / 3P
4 pole male receptacle, solder cups, Nickel housing, silver contacts
NC6MD-L-1 NEUTRIK-NC6MD-L-1 Datasheet
67Kb / 3P
6 pole male receptacle, solder cups, Nickel housing, silver contacts
NC7MD-L-1 NEUTRIK-NC7MD-L-1 Datasheet
66Kb / 3P
7 pole male receptacle, solder cups, Nickel housing, silver contacts
NC3MD-L-1 NEUTRIK-NC3MD-L-1 Datasheet
68Kb / 3P
3 pole male receptacle, solder contacts, Nickel housing, silver contacts
NC3MD-LX NEUTRIK-NC3MD-LX Datasheet
116Kb / 3P
3 pole male receptacle, solder cups, Nickel housing, silver contacts
NC4MD-LX NEUTRIK-NC4MD-LX Datasheet
127Kb / 3P
4 pole male receptacle, solder cups, Nickel housing, silver contacts
NC3MP NEUTRIK-NC3MP Datasheet
91Kb / 3P
3 pole male receptacle, solder contacts, Nickel housing, silver contacts
NC4FP-1 NEUTRIK-NC4FP-1 Datasheet
95Kb / 3P
4 pole female receptacle, solder contacts, Nickel housing, silver contacts
NC5MP NEUTRIK-NC5MP Datasheet
91Kb / 3P
5 pole male receptacle, solder contacts, Nickel housing, silver contacts
NC6MP NEUTRIK-NC6MP Datasheet
93Kb / 3P
6 pole male receptacle, solder contacts, Nickel housing, silver contacts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com