Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS651LSH Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS651LSH
Description  Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS651LSH Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS651LSH Datasheet HTML 1Page - Allegro MicroSystems ATS651LSH Datasheet HTML 2Page - Allegro MicroSystems ATS651LSH Datasheet HTML 3Page - Allegro MicroSystems ATS651LSH Datasheet HTML 4Page - Allegro MicroSystems ATS651LSH Datasheet HTML 5Page - Allegro MicroSystems ATS651LSH Datasheet HTML 6Page - Allegro MicroSystems ATS651LSH Datasheet HTML 7Page - Allegro MicroSystems ATS651LSH Datasheet HTML 8Page - Allegro MicroSystems ATS651LSH Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
651LSH-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
ATS651LSH
ELECTRICAL CHARACTERISTICS Valid for –40°C ≤ TA ≤ 150°C, TJ ≤ 165°C, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
VCC
Running, TJ ≤ 165°C
4.3
24
V
Undervoltage Lockout
VCC(UV)
VCC = 5 → 0 V
4.3
V
Reverse Supply Current
IRCC
VCC = –18 V
–10
mA
Supply Zener Clamp Voltage
VZ
ICC(Low)max + 3 mA
28
40
V
Supply Zener Resistance
RZ
–20–
Ω
Output Current Slew Rate
SRI
I(High) → I(Low), I(Low) → I(High)
RSENSE = 100 Ω, CSENSE = 10 pF, 10 to 90% points
2
16
mA/
μs
Power-On State
POS
ION state
ICC(Low)
–mA
Power-On Time1
tPO
Gear speed < 100 rpm
1
ms
Supply Current
ICC(Low)
Low-current state
4
7
9
mA
ICC(High)
High-current state
12
14.5
17
mA
Supply Current Difference
ΔICC
ICC(High) - ICC(Low); difference between high-current state level
and low-current state level
5.3
mA
CALIBRATION
Direction Information2
NDir
First output transition
8
Edge
Speed Information2
NSpd
First output transition
8
Edge
Direction Change Detection3
NCD
Running mode direction change
1
Edge
Signal Variation4
(At calibration)
ECAL
Over four edges
±0.3
mm
DAC CHARACTERISTICS
Dynamic Offset Cancellation5
As shipped
±60
G
1Power-On Time is the time required to complete the internal automatic offset adjust; the DACs are then ready for peak acquisition.
2Edge count is based on mechanical edges. First output edge is available on or before NDir or NSpd edges.
3Edge count is based on mechanical edges. On the NCD edge, direction and speed information is valid.
4If the peak-to-peak amplitude of the signal varies more than the specified amount during the direction verification process, then additional edges may
be required for calibration.
5The device will compensate for magnetic and installation offsets up to ±60 gauss. Offsets greater than ±60 gauss may cause inaccuracies in the
output.
OPERATING CHARACTERISTICS Using Reference Target 60-0 and valid over operating temperature range
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Operational Air Gap Range*
AGOP
Within specification
0.5
2.8
mm
Operating Signal Range
Sig
Within specification
30
1200
G
*Operational Air Gap Range is dependent on the available differential magnetic field. The available field is dependent on target geometry and material,
and should be independently characterized. The field available from the Reference Target is given in the Reference Target Parameters section of this
datasheet.
Device Characteristics Tables
Continued on the next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com