Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS673LSETN-HT-T Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS673LSETN-HT-T
Description  Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS673LSETN-HT-T Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS673LSETN-HT-T Datasheet HTML 1Page - Allegro MicroSystems ATS673LSETN-HT-T Datasheet HTML 2Page - Allegro MicroSystems ATS673LSETN-HT-T Datasheet HTML 3Page - Allegro MicroSystems ATS673LSETN-HT-T Datasheet HTML 4Page - Allegro MicroSystems ATS673LSETN-HT-T Datasheet HTML 5Page - Allegro MicroSystems ATS673LSETN-HT-T Datasheet HTML 6Page - Allegro MicroSystems ATS673LSETN-HT-T Datasheet HTML 7Page - Allegro MicroSystems ATS673LSETN-HT-T Datasheet HTML 8Page - Allegro MicroSystems ATS673LSETN-HT-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
ATS673LSE-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
ATS673 and ATS674
GND
VOUT
VCC
Output
Driver
0.1 µF
C
BYPASS
V+
Voltage
Regulator
(Analog)
TEST
Hall
Amp
Automatic
Gain
Control
V
PROC
9-Bit
PDAC
9-Bit
NDAC
Threshold
Comparator
(Recommended)
Voltage
Regulator
(Digital)
Offset Adjust
Temperature
Coefficient
Adjust
Offset
TC
LPF
TPOS
TPOS Trim
Power-On
Reset
V
REF
Continuous
Update Logic
Continuous
Update Logic
Comp_P
Comp_N
Output State
Output State
9-Bit
Counter
Clock
9
9-Bit
Counter
Clock
9
Threshold
Output
V
REG(A)
V
REG(D)
V
REG(D)
V
REG(A)
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com