Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS673LSETN-HT Datasheet(PDF) 16 Page - Allegro MicroSystems

Part # ATS673LSETN-HT
Description  Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS673LSETN-HT Datasheet(HTML) 16 Page - Allegro MicroSystems

Back Button ATS673LSETN-HT Datasheet HTML 12Page - Allegro MicroSystems ATS673LSETN-HT Datasheet HTML 13Page - Allegro MicroSystems ATS673LSETN-HT Datasheet HTML 14Page - Allegro MicroSystems ATS673LSETN-HT Datasheet HTML 15Page - Allegro MicroSystems ATS673LSETN-HT Datasheet HTML 16Page - Allegro MicroSystems ATS673LSETN-HT Datasheet HTML 17Page - Allegro MicroSystems ATS673LSETN-HT Datasheet HTML 18Page - Allegro MicroSystems ATS673LSETN-HT Datasheet HTML 19Page - Allegro MicroSystems ATS673LSETN-HT Datasheet HTML 20Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
ATS673LSE-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
ATS673 and ATS674
Sensor Evaluation: EMC
Characterization Only
Mechanical Information
Test Name*
Reference Specification
ESD – Human Body Model
AEC-Q100-002
ESD – Machine Model
AEC-Q100-003
Conducted Transients
ISO 7637-1
Direct RF Injection
ISO 11452-7
Bulk Current Injection
ISO 11452-4
TEM Cell
ISO 11452-3
*Please contact Allegro for EMC performance
Component
Material
Description
Value
Back-biasing Magnet
Rare Earth
South pole behind IC
Sensor Package Material
Thermoset Epoxy
Maximum Temperature
170°Ca
Leads
Copper
Solder, Tin/Lead 90/10b
aTemperature excursions of up to 260°C for 2 minutes or less are permitted (based on delamination studies).
bIndustry accepted soldering techniques are acceptable for this package as long as the indicated maximum temperature is not exceeded.
Accuracy
While the update algorithm will allow the sensor devices to
adapt to typical air gap variations, major changes in air gap can
adversely affect switching performance. When characterizing
sensor performance over a significant air gap range, be sure to
Related Documents
Documents that can be found on the Allegros web site,:
www.allegromicro.com:
• Definition of Terms (Pub 26004)
• Hall-Effect Devices: Soldering, Gluing, Potting, Encapsulating,
and Lead forming (AN27703.1)
• Storage of Semiconductor Devices (Pub 26011)
• Hall Effect Applications Guide (Pub 27701)
• Applications Note: Back-Biased Packaging Advances (SE, SG
& SH versus SA & SB)
repower the device at each test at different air gaps. This ensures
that self-calibration occurs for each installation condition.
See the Operating Characteristics table and the charts in the
Characteristic Data: Relative Timing Accuracy section for
performance information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com