Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-3003KWD Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # SI-3003KWD
Description  1A, Low-Dropout, Dual Output, 1.8V & 2.5V Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3003KWD Datasheet(HTML) 8 Page - Allegro MicroSystems

  SI-3003KWD Datasheet HTML 1Page - Allegro MicroSystems SI-3003KWD Datasheet HTML 2Page - Allegro MicroSystems SI-3003KWD Datasheet HTML 3Page - Allegro MicroSystems SI-3003KWD Datasheet HTML 4Page - Allegro MicroSystems SI-3003KWD Datasheet HTML 5Page - Allegro MicroSystems SI-3003KWD Datasheet HTML 6Page - Allegro MicroSystems SI-3003KWD Datasheet HTML 7Page - Allegro MicroSystems SI-3003KWD Datasheet HTML 8Page - Allegro MicroSystems SI-3003KWD Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SI-3003KWD
1 A, Low-Dropout,
Dual Output,
1.8 V & 2.5 V Regulator
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
Linear
Regulators
8
Tape Specifications
1. Material: conductive polystyrene.
2. Allowable camber: 1 mm/100 mm maximum.
3. A0 (10.6 mm) and B0 (15.7 mm) measured on a plane
0.3 mm above the bottom of the pocket.
4. K0 (4.9 mm) is measured from a plane on the inside
bottom of the pocket to the surface of the carrier.
5. Ten pitches cumulative tolerance on tape ±0.2 mm.
6. The space between parts and cavity must not exceed
±0.3 mm from its normal position in any direction.
7. Surface resistivity of embossment: 107 ohm/cm2 max.
8. K1 = 3.9 mm.
Tape and Reel Dimensions in Millimeters



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com