Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-3003KWD-TL Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # SI-3003KWD-TL
Description  1A, Low-Dropout, Dual Output, 1.8V & 2.5V Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3003KWD-TL Datasheet(HTML) 3 Page - Allegro MicroSystems

  SI-3003KWD-TL Datasheet HTML 1Page - Allegro MicroSystems SI-3003KWD-TL Datasheet HTML 2Page - Allegro MicroSystems SI-3003KWD-TL Datasheet HTML 3Page - Allegro MicroSystems SI-3003KWD-TL Datasheet HTML 4Page - Allegro MicroSystems SI-3003KWD-TL Datasheet HTML 5Page - Allegro MicroSystems SI-3003KWD-TL Datasheet HTML 6Page - Allegro MicroSystems SI-3003KWD-TL Datasheet HTML 7Page - Allegro MicroSystems SI-3003KWD-TL Datasheet HTML 8Page - Allegro MicroSystems SI-3003KWD-TL Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SI-3003KWD
1 A, Low-Dropout,
Dual Output,
1.8 V & 2.5 V Regulator
www.allegromicro.com
Linear
Regulators
3
ELECTRICAL CHARACTERISTICS at T
A = +25°C, VE = 2 V (unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Channel 1
Output Voltage
V
O1
V
I = 3.3 V, IO1 = 10 mA
2.450
2.500 2.550
V
V
O1(off)
V
E = 0 V
—
—
0.5
V
Output Volt. Temp. Coeff.
a
VO1
0°C
≤ T
J ≤ 100°C
—
±0.3
—
mV/°C
Output Short-Circuit Current
I
OM1
V
I = 3.3 V, See note
1.2
—
—
A
Line Regulation
∆V
O(
∆VI)1
V
I = 3.2 V ~ 5.0 V, IO1 = 10 mA
—
—
20
mV
Load Regulation
∆V
O(
∆IO)1
V
I = 3.3 V, IO1 = 0 A ~ 1.0 A
—
—
30
mV
Dropout Voltage
V
Imin - VO1
I
O1 = 1.0 A
—
—
0.6
V
Ripple Rejection Ratio
PSRR
V
I = 3.3 V, 100 Hz ≤ f ≤ 120 Hz
—
60
—
dB
Channel 2
Output Voltage
V
O2
V
I = 3.3 V, IO2 = 10 mA
1.764
1.800 1.836
V
V
O2(off)
V
E = 0 V
—
—
0.5
V
Output Volt. Temp. Coeff.
a
VO2
0°C
≤ T
J ≤ 100°C
—
±0.3
—
mV/°C
Output Short-Circuit Current
I
OM2
V
I = 3.3 V, See note
1.2
—
—
A
Line Regulation
∆V
O(
∆VI)2
V
I = 3.2 V ~ 5.0 V, IO2 = 10 mA
—
—
20
mV
Load Regulation
∆V
O(
∆IO)2
V
I = 3.3 V, IO2 = 0 A ~ 1.0 A
—
—
30
mV
Dropout Voltage
V
Imin - VO2
I
O2 = 1.0 A
—
—
0.6
V
Ripple Rejection Ratio
PSRR
V
I = 3.3 V, 100 Hz ≤ f ≤ 120 Hz
—
60
—
dB
Logic
Ground Terminal Current
I
GND
V
I = 3.3 V, IO = 0 mA, VE = 2.0 V
—
1.0
1.5
mA
V
I = 3.3 V, VE = 0 V
—
—
0.5
mA
Enable Input Voltage
V
EH
Output ON
2.0
—
—
V
V
EL
Output OFF
—
—
0.8
V
Enable Input Current
I
EH
V
E = 2.7 V
—
0
5.0
µA
I
EL
V
E = 0.4 V
—
-12
-100
µA
Thermal Shutdown
T
J
I
O = 10 mA
135
150
—
°C
Typical values are given for circuit design information only.
Note: Output short-circuit current is at point where output voltage has decreased 5%.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com