Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-3003KWF Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # SI-3003KWF
Description  1A, Low-Dropout, Dual Outpout, 1.8V & 2.5V Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3003KWF Datasheet(HTML) 5 Page - Allegro MicroSystems

  SI-3003KWF Datasheet HTML 1Page - Allegro MicroSystems SI-3003KWF Datasheet HTML 2Page - Allegro MicroSystems SI-3003KWF Datasheet HTML 3Page - Allegro MicroSystems SI-3003KWF Datasheet HTML 4Page - Allegro MicroSystems SI-3003KWF Datasheet HTML 5Page - Allegro MicroSystems SI-3003KWF Datasheet HTML 6Page - Allegro MicroSystems SI-3003KWF Datasheet HTML 7Page - Allegro MicroSystems SI-3003KWF Datasheet HTML 8Page - Allegro MicroSystems SI-3003KWF Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SI-3003KWF
1 A, Low-Dropout,
Dual Output,
1.8 V & 2.5 V Regulator
www.allegromicro.com
Linear
Regulators
5
TYPICAL CHARACTERISTICS (cont.)
(VI = 3.3 V, TA = 25°C)
Chan. 2 Low-Voltage Behavior
Chan. 2 Overcurrent Protection
Chan. 2 Line Regulation
Chan. 2 Load Regulation
ENABLE Control Voltage
Chan. 2 Transient Response
ENABLE Control Current
Thermal Protection



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com