Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC4018BMV-R56M Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # HPC4018BMV-R56M
Description  SMD Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

HPC4018BMV-R56M Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  HPC4018BMV-R56M Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. HPC4018BMV-R56M Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. HPC4018BMV-R56M Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TAI-TECH
www.tai-tech.com.tw
P1
1. Features
2. Dimension
C
B
3. Part Numbering
4. Specification
SMD Power Inductor
HPC4018BMV-Series
HPC
4018
BM
V
-
3R3
M
A
B
C
D
E
F
A: Series
B: Dimension
C: Control S/N
marking direction cannot decide polarity. Color: Black
D: Category Code
V=Vehicle
E: Inductance
3R3=3.30uH
F: Inductance Tolerance
M=±20%
Y=±30%
1. This specification applies Low Profile Power Inductors.
2. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
3. High reliability -Reliability test meet AEC-Q200
4. Operating temperature:-55~+125℃(Including self - temperature rise)
G
H
I
I
Series
A
B
C
D
E
G
H
I
HPC4018BMV
4.0±0.2
4.0±0.2
1.8 max.
1.1±0.2
2.5±0.2
2.8 ref.
3.7 ref.
1.2 ref.
Units: mm
Part Number
Inductance
(uH)
Tolerance
(%)
Test
Frequency
(Hz)
SRF
(MHz)
min.
DCR
(Ω) ±20%
I rms
(A)
I sat
(A)
HPC4018BMV-R56M
0.56
±20%
1V100K
100
0.019
4.50
5.00
HPC4018BMV-1R0Y
1.0
±30%
1V100K
90
0.027
3.20
4.00
HPC4018BMV-1R2Y
1.2
±30%
1V100K
82
0.030
2.80
3.70
HPC4018BMV-1R5Y
1.5
±30%
1V100K
75
0.037
2.40
3.30
HPC4018BMV-1R8M
1.8
±20%
1V100K
67
0.040
2.30
3.20
HPC4018BMV-2R2M
2.2
±20%
1V100K
60
0.042
2.20
3.00
HPC4018BMV-3R3M
3.3
±20%
1V100K
45
0.055
2.00
2.30
HPC4018BMV-4R7M
4.7
±20%
1V100K
35
0.070
1.70
2.00
HPC4018BMV-6R8M
6.8
±20%
1V100K
30
0.098
1.45
1.60
HPC4018BMV-7R5M
7.5
±20%
1V100K
42
0.120
1.35
1.50
HPC4018BMV-100M
10
±20%
1V100K
25
0.150
1.20
1.30
HPC4018BMV-150M
15
±20%
1V100K
18
0.210
0.85
1.10
HPC4018BMV-220M
22
±20%
1V100K
15
0.290
0.72
0.90
HPC4018BMV-330M
33
±20%
1V100K
12
0.460
0.55
0.70
HPC4018BMV-470M
47
±20%
1V100K
10
0.650
0.44
0.60
HPC4018BMV-680M
68
±20%
1V100K
8.3
1.00
0.32
0.52
HPC4018BMV-101M
100
±20%
1V100K
6.5
1.45
0.28
0.42
HPC4018BMV-151M
150
±20%
1V100K
5.5
2.30
0.22
0.34
HPC4018BMV-221M
220
±20%
1V100K
4.0
3.80
0.17
0.275
Note:
Isat:Based on inductance change (△L/L0:≦-30%)@ ambient temp. 25℃
Irms:Based on temperature rise (△T:40℃ typ.)
Halogen-free
Halogen


Similar Part No. - HPC4018BMV-R56M

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
HPC4018NF TAI-TECH-HPC4018NF Datasheet
218Kb / 3P
Power Inductor
HPC4018NF-100M TAI-TECH-HPC4018NF-100M Datasheet
218Kb / 3P
Power Inductor
HPC4018NF-150M TAI-TECH-HPC4018NF-150M Datasheet
218Kb / 3P
Power Inductor
HPC4018NF-1R0Y TAI-TECH-HPC4018NF-1R0Y Datasheet
218Kb / 3P
Power Inductor
HPC4018NF-1R5Y TAI-TECH-HPC4018NF-1R5Y Datasheet
218Kb / 3P
Power Inductor
More results

Similar Description - HPC4018BMV-R56M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com