Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175103 Datasheet(PDF) 1 Page - Adels-Contact

Part # 175103
Description  900 SI/ 3 DS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

175103 Datasheet(HTML) 1 Page - Adels-Contact

  175103 Datasheet HTML 1Page - Adels-Contact 175103 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10/02/2020
Fused Connectors
900 SI/ 3 DS
Screw-screwless-Terminal Block, 3 pole, Wire Protector (DS): yes,
Fixing: Screw, Voltage Rating: 400 V, Current Rating: 6.3 A
Order Info
Reference Number (ref. no.)
175103
Applications
Lighting, Electrical Appliances
PU
200
Type
Type
Screw-screwless-Terminal Block
Number of poles
3 pole
Clamping Units per Pole
4
Colour
white
Connection Type
Screw-screwless
Wire Protector (DS)
yes
Technical Data
Voltage Rating
400 V
Current Rating
6.3 A
Insulating Material
PA 6.6
Contact Material
Brass
Flammability Rating
V-2
max. Ambient Temperature Operation
70 °C
Assembly Contact Screw
0.8x4.0 / 0.5 Nm
Internal Core Cross-Section max.
1.5 mm²
External Core Cross-Section min.
0.5 mm²
External Core Cross-Section max.
2.5 mm²
Internal Stripping Length
7.0-7.5 mm
External Stripping Length
8.0-8.5 mm
Fixing
Screw
Internal Core Cross-Section min.
0.5 mm²
Type of Conductor Solid External
yes
Type of Conductor Flexible External
yes
Type of Conductor Solid Internal
yes
Type of Conductor Stranded Internal
yes


Similar Part No. - 175103

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
17510 VICOR-17510 Datasheet
68Kb / 1P
HTSNK, A X-FLOW, .4H LOW FLOW, THREADED
logo
Freescale Semiconductor...
17510 FREESCALE-17510 Datasheet
407Kb / 14P
1.2 A 15 V H-Bridge Motor Driver IC
logo
Vicor Corporation
17510-6 VICOR-17510-6 Datasheet
68Kb / 1P
HTSNK, A X-FLOW, .4H LOW FLOW, THREADED
logo
Advantech Co., Ltd.
1751000017-01 ADVANTECH-1751000017-01 Datasheet
1Mb / 3P
Waterproof Outdoor Data Gateway with All-Around IP69K/IP68 Rating
5-Jul-2021
1751000018-01 ADVANTECH-1751000018-01 Datasheet
1Mb / 3P
Waterproof Outdoor Data Gateway with All-Around IP69K/IP68 Rating
5-Jul-2021
More results

Similar Description - 175103

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
175003 ADELS-175003 Datasheet
120Kb / 2P
900 SI/ 3
175101 ADELS-175101 Datasheet
118Kb / 2P
900 SI/ 1 DS
175102 ADELS-175102 Datasheet
119Kb / 2P
900 SI/ 2 DS
175104 ADELS-175104 Datasheet
121Kb / 2P
900 SI/ 4 DS
175105 ADELS-175105 Datasheet
121Kb / 2P
900 SI/ 5 DS
175301 ADELS-175301 Datasheet
119Kb / 2P
900 SI RZ/ 1 DS
175302 ADELS-175302 Datasheet
120Kb / 2P
900 SI RZ/ 2 DS
175303 ADELS-175303 Datasheet
120Kb / 2P
900 SI RZ/ 3 DS
175304 ADELS-175304 Datasheet
121Kb / 2P
900 SI RZ/ 4 DS
175305 ADELS-175305 Datasheet
122Kb / 2P
900 SI RZ/ 5 DS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com