Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP2CM-R Datasheet(PDF) 2 Page - Neutrik AG

Part # NP2CM-R
Description  Mono 1/4" MIL-plug (MIL-P-642/4), red metal housing, brass contacts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NP2CM-R Datasheet(HTML) 2 Page - Neutrik AG

  NP2CM-R Datasheet HTML 1Page - Neutrik AG NP2CM-R Datasheet HTML 2Page - Neutrik AG NP2CM-R Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Information
Product
Title
NP2CM-R
Connection Type
Plug
Gender
male
Electrical
Contact resistance
depends on mating connector mΩ
Dielectric strength
1 kVdc
Insulation resistance
> 2 GΩ (initial)
Rated current per contact
depends on mating connector A
Rated voltage
< 50 V
Mechanical
Cable O.D.
4 - 7 mm
Lifetime
> 1000 mating cycles
Wiresize
1 mm²
Wiresize
18 AWG
Wiring
Solder contacts
Material
Bushing
Polyacetal (POM) + PU
Contact plating
2 µm Brass
Contacts
Brass (CuZn39Pb3)
Insert
Polyamide (PA 6.6 30 % GR)
Shell
Brass (CuZn39Pb3)
Shell plating
Red coated
Strain relief
Polyacetal (POM)
NP2CM-R
2
/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com