Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP3TB-R Datasheet(PDF) 1 Page - Neutrik AG

Part # NP3TB-R
Description  1/4 B-Gauge plug (BPO 316), red metal housing, Nickel contacts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NP3TB-R Datasheet(HTML) 1 Page - Neutrik AG

  NP3TB-R Datasheet HTML 1Page - Neutrik AG NP3TB-R Datasheet HTML 2Page - Neutrik AG NP3TB-R Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NP3TB-R
1/4" 'B-Gauge' plug (BPO 316), red metal housing, Nickel contacts
Professional phone plug according B-Gauge standard BPO316.
Featuring similar construction as the standard Neutrik phone
plugs with chuck type strain relief and slimline metal barrel.
These plugs are not compatible with standard 1/4" jacks (acc. EIA
RS453) and patch panels.
Features & Benefits
¼" 'B-Gauge' plug (BPO 316)
•
One-piece Tip conductor ensures secure conductivity
•
Metal shell and chuck type cable retention - robust
and dependable
•
NP3TB-R
1
/3


Similar Part No. - NP3TB-R

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NP3TB-B NEUTRIK-NP3TB-B Datasheet
61Kb / 3P
One-piece Tip conductor ensures secure conductivity
More results

Similar Description - NP3TB-R

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NP2C NEUTRIK-NP2C Datasheet
77Kb / 3P
2 pole 1/4" professional phone plug, Nickel housing, Nickel contacts
NP2C-BAG NEUTRIK-NP2C-BAG Datasheet
68Kb / 3P
2 pole 1/4" professional phone plug, black metal housing, Nickel contacts
NP2X NEUTRIK-NP2X Datasheet
61Kb / 3P
1/4" professional phone plug, 2 pole, nickel contacts, nickel shell
NP3C NEUTRIK-NP3C Datasheet
77Kb / 3P
3 pole 1/4" professional phone plug, Nickel housing, Nickel contacts
NP3C-BAG NEUTRIK-NP3C-BAG Datasheet
122Kb / 3P
3 pole 1/4" professional phone plug, black metal housing, Nickel contacts
NP3X NEUTRIK-NP3X Datasheet
62Kb / 3P
3 pole 1/4" professional phone plug, nickel contacts, nickel shell
NJ3FP6C NEUTRIK-NJ3FP6C Datasheet
125Kb / 3P
Locking 1/4" phone jack, D-size shell, nickel metal housing and silver contacts
NP2CM-R NEUTRIK-NP2CM-R Datasheet
82Kb / 3P
Mono 1/4" MIL-plug (MIL-P-642/4), red metal housing, brass contacts
NP3TM-B NEUTRIK-NP3TM-B Datasheet
75Kb / 3P
1/4" MIL-plug (MIL-P-642/2), black metal housing, nickel contacts
NP3TM-R NEUTRIK-NP3TM-R Datasheet
62Kb / 3P
1/4" MIL-plug (MIL-P-642/2), red metal housing, nickel contacts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com