Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP3TM-R Datasheet(PDF) 1 Page - Neutrik AG

Part # NP3TM-R
Description  1/4" MIL-plug (MIL-P-642/2), red metal housing, nickel contacts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NP3TM-R Datasheet(HTML) 1 Page - Neutrik AG

  NP3TM-R Datasheet HTML 1Page - Neutrik AG NP3TM-R Datasheet HTML 2Page - Neutrik AG NP3TM-R Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NP3TM-R
1/4" MIL-plug (MIL-P-642/2), red metal housing, nickel contacts
Professional phone plugs in MIL type design according MIL
standard MIL-P-642/*. They are featuring similar construction as
the standard Neutrik phone plugs with chuck type strain relief
and slimline metal barrel to meet the high requirements for
military communication equipments. These plugs are not
compatible with standard 1/4" jacks (acc. EIA RS453) and patch
panels.
Features & Benefits
¼" MIL-plug (MIL-P-642/2)
•
One-piece Tip conductor ensures secure conductivity
•
Metal shell and chuck type cable retention - robust
and dependable
•
NP3TM-R
1
/3


Similar Part No. - NP3TM-R

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NP3TM-B NEUTRIK-NP3TM-B Datasheet
75Kb / 3P
1/4" MIL-plug (MIL-P-642/2), black metal housing, nickel contacts
More results

Similar Description - NP3TM-R

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NP2C NEUTRIK-NP2C Datasheet
77Kb / 3P
2 pole 1/4" professional phone plug, Nickel housing, Nickel contacts
NP2C-BAG NEUTRIK-NP2C-BAG Datasheet
68Kb / 3P
2 pole 1/4" professional phone plug, black metal housing, Nickel contacts
NP3C NEUTRIK-NP3C Datasheet
77Kb / 3P
3 pole 1/4" professional phone plug, Nickel housing, Nickel contacts
NP3C-BAG NEUTRIK-NP3C-BAG Datasheet
122Kb / 3P
3 pole 1/4" professional phone plug, black metal housing, Nickel contacts
NP2CM-B NEUTRIK-NP2CM-B Datasheet
74Kb / 3P
Mono 1/4" MIL-plug (MIL-P-642/4), black metal housing, brass contacts
NP2CM-R NEUTRIK-NP2CM-R Datasheet
82Kb / 3P
Mono 1/4" MIL-plug (MIL-P-642/4), red metal housing, brass contacts
NP3CM-B NEUTRIK-NP3CM-B Datasheet
75Kb / 3P
0.206" MIL-plug (MIL-P-642/5A), black metal housing, brass contacts
NP3CM-R NEUTRIK-NP3CM-R Datasheet
83Kb / 3P
0.206" MIL-plug (MIL-P-642/5A), red metal housing, brass contacts
NP3TB-R NEUTRIK-NP3TB-R Datasheet
81Kb / 3P
1/4 B-Gauge plug (BPO 316), red metal housing, Nickel contacts
NP3TM-B NEUTRIK-NP3TM-B Datasheet
75Kb / 3P
1/4" MIL-plug (MIL-P-642/2), black metal housing, nickel contacts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com