Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP3TT-P-R Datasheet(PDF) 1 Page - Neutrik AG

Part # NP3TT-P-R
Description  4.4 mm (0.173") tiny telefone plug bantam type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NP3TT-P-R Datasheet(HTML) 1 Page - Neutrik AG

  NP3TT-P-R Datasheet HTML 1Page - Neutrik AG NP3TT-P-R Datasheet HTML 2Page - Neutrik AG NP3TT-P-R Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NP3TT-P-R
4.4 mm (0.173") tiny telefone plug bantam type, solder
termination for T+R, hex crimp of S with a standard RG58 crimp
tool, red plastic housing, Nickel contacts. Ideal use with TT patch
panels.
Features & Benefits
Designed for pro audio applications
•
Robust egonomic design - long-lasting and depenable
•
Standard HEX crimp cable clamp for shield
termination and cable retention
•
Colored sleeves available for coding and marking
•
NP3TT-P-R
1
/3


Similar Part No. - NP3TT-P-R

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NP3TT-P-AU-B NEUTRIK-NP3TT-P-AU-B Datasheet
62Kb / 3P
4.4 mm (0.173") tiny telefone plug bantam type, solder termination for TR, hex crimp of S with a standard RG58 crimp tool, black plastic housing, gold contacts. Ideal use with TT patch panels.
NP3TT-P-AU-R NEUTRIK-NP3TT-P-AU-R Datasheet
45Kb / 3P
4.4 mm (0.173") tiny telefone plug bantam type, solder termination for TR, hex crimp of S with a standard RG58 crimp tool, red plastic housing, gold contacts. Ideal use with TT patch panels.
NP3TT-P-B NEUTRIK-NP3TT-P-B Datasheet
58Kb / 3P
4.4 mm (0.173") tiny telefone plug bantam type, solder termination for TR, hex crimp of S with a standard RG58 crimp tool, black plastic housing, Nickel contacts. Ideal use with TT patch panels.
More results

Similar Description - NP3TT-P-R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN240RPX PANASONIC-LN240RPX Datasheet
30Kb / 1P
4.4 mm Series
logo
Pomona Electronics
6331 POMONA-6331 Datasheet
24Kb / 1P
Patch Cord Dual Bantam Plug To Dual Bantam Plug
logo
Neutrik AG
NP3TT-1-B NEUTRIK-NP3TT-1-B Datasheet
56Kb / 3P
4.4 mm (0.173") tiny telefone plug bantam type, solder termination for T R, crimp termination for S, HEX crimp cable strain relief, black plastic housing, Nickel contacts. Ideal use with TT patch panels.
NP3TT-1-R NEUTRIK-NP3TT-1-R Datasheet
60Kb / 3P
4.4 mm (0.173") tiny telefone plug bantam type, solder termination for T R, crimp termination for S, HEX crimp cable strain relief, red plastic housing, nickel contacts. Ideal use with TT patch panels.
NP3TT-2 NEUTRIK-NP3TT-2 Datasheet
61Kb / 3P
3 pole, dual, 4.4 mm (0.173") tiny telefone plug bantam type, solder termination for TR, hex crimp of S, black plastic housing, nickel contacts
NP3TT-AU-B NEUTRIK-NP3TT-AU-B Datasheet
61Kb / 3P
4.4 mm (0.173") tiny telefone plug bantam type, solder termination for T R, crimp termination for S, HEX crimp cable strain relief, black plastic housing, gold contacts. Ideal use with TT patch panels.
NP3TT-AU-R NEUTRIK-NP3TT-AU-R Datasheet
62Kb / 3P
4.4 mm (0.173") tiny telefone plug bantam type, solder termination for T R, crimp termination for S, HEX crimp cable strain relief, red plastic housing, gold contact. Ideal use with TT patch panels.
NP3TT-P-AU-B NEUTRIK-NP3TT-P-AU-B Datasheet
62Kb / 3P
4.4 mm (0.173") tiny telefone plug bantam type, solder termination for TR, hex crimp of S with a standard RG58 crimp tool, black plastic housing, gold contacts. Ideal use with TT patch panels.
NP3TT-P-AU-R NEUTRIK-NP3TT-P-AU-R Datasheet
45Kb / 3P
4.4 mm (0.173") tiny telefone plug bantam type, solder termination for TR, hex crimp of S with a standard RG58 crimp tool, red plastic housing, gold contacts. Ideal use with TT patch panels.
NP3TT-P-B NEUTRIK-NP3TT-P-B Datasheet
58Kb / 3P
4.4 mm (0.173") tiny telefone plug bantam type, solder termination for TR, hex crimp of S with a standard RG58 crimp tool, black plastic housing, Nickel contacts. Ideal use with TT patch panels.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com