Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMPI73A-R22MDA Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # VMPI73A-R22MDA
Description  SMD Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

VMPI73A-R22MDA Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  VMPI73A-R22MDA Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. VMPI73A-R22MDA Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. VMPI73A-R22MDA Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TAI-TECH
www.tai-tech.com.tw
P1
1. Features
2. Applications
3. Dimensions
A
C
D
1R0
1901
4. Part Numbering
SMD Power Inductor
VMPI73A-Series
Halogen-free
Halogen
1. Shielded construction.
2. Capable of corresponding high frequency
3. Low loss realized with low DCR.
4. High performance (Isat) realized by metal dust core.
5. Ultra low buzz noise, due to composite construction.
6. 100% Lead(Pb)-Free and RoHS compliant.
7. Operating temperature: -40~+125℃(Including self-temperature rise)
1. DC/DC converters in distributed power systems.
2. DC/DC converter for Field Programmable Gate Array(FPGA).
3. Battery powered devices.
4. Thin type on-board power supply module for exchanger.
5. VRM for server.
6. High current, low profile POL converters.
7. PDA/notebook/desktop/server and battery powered devices.
Recommend PC Board Pattern
L
G
L(mm)
G(mm)
H(mm)
8.0
3.7
3.4
Note: 1. The above PCB layout reference only.
2. Recommend solder paste thickness at
0.15mm and above.
Series
A
B
C
D
E
VMPI73A
7.1±0.3
6.6±0.2
2.8±0.2
1.6±0.3
3.0±0.2
Unit:mm
VMPI
73
A
-
1R0 MDA
A
B
C
D
E
A: Series
B: Dimension
BxC
C: Type
Standard.
D: Inductance
1R0=1.0uH
E: Inductance Tolerance
K=±10%,L=±15%,M=±20%,N=±25%,Y=±30%
Marking: Black.1R0 and 1901(19 YY, 01 WW,follow production date).


Similar Part No. - VMPI73A-R22MDA

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
VMPI104C TAI-TECH-VMPI104C Datasheet
676Kb / 3P
SMD Power Inductor
VMPI104C-100MDA TAI-TECH-VMPI104C-100MDA Datasheet
676Kb / 3P
SMD Power Inductor
VMPI104C-1R0MDA TAI-TECH-VMPI104C-1R0MDA Datasheet
676Kb / 3P
SMD Power Inductor
VMPI104C-220MDA TAI-TECH-VMPI104C-220MDA Datasheet
676Kb / 3P
SMD Power Inductor
VMPI104C-2R2MDA TAI-TECH-VMPI104C-2R2MDA Datasheet
676Kb / 3P
SMD Power Inductor
More results

Similar Description - VMPI73A-R22MDA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com