Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UHP252010BF-R68Y Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # UHP252010BF-R68Y
Description  Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

UHP252010BF-R68Y Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  UHP252010BF-R68Y Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. UHP252010BF-R68Y Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. UHP252010BF-R68Y Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TAI-TECH
www.tai-tech.com.tw
P2
1. Features
2. Dimension
3. Part Numbering
4. Specification
1. This specification applies Low Profile Power Inductors.
2. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
3. Operating temperature-40~+125℃ (Including self - temperature rise)
UHP
252010 BF
-
4R7
M
A
B
C
D
E
A: Series
B: Dimension
C: Lead Free
Material
D: Inductance
4R7=4.7uH
E: Inductance Tolerance
M=±20%
Y=±30%
Series
A(mm)
B(mm)
C(mm)
D(mm)
E(mm)
UHP252010BF
2.5 -0.1/+0.2
2.0 -0.1/+0.2
1.0max.
0.85 ref.
0.80 ref.
Units: mm
Power Inductor
UHP252010BF-SERIES
TAI-TECH
Part Number
Inductance
(uH)
Tolerance
(%)
Test
Frequency
(Hz)
DCR
(Ω) ±20%
I sat
(A) typ.
I sat
(A) Max.
I rms
(A) typ
I rms
(A) Max.
UHP252010BF-R47Y
0.47
±30%
0.1V/1M
0.030
2.85
2.57
2.80
2.50
UHP252010BF-R68Y
0.68
±30%
0.1V/1M
0.039
2.70
2.45
2.45
2.20
UHP252010BF-1R0Y
1.0
±30%
0.1V/1M
0.055
2.45
2.05
2.20
1.80
UHP252010BF-1R5Y
1.5
±30%
0.1V/1M
0.090
1.80
1.70
1.70
1.55
UHP252010BF-2R2M
2.2
±20%
0.1V/1M
0.114
1.60
1.55
1.55
1.40
UHP252010BF-3R3M
3.3
±20%
0.1V/1M
0.170
1.30
1.10
1.25
1.10
UHP252010BF-4R7M
4.7
±20%
0.1V/1M
0.250
1.10
0.95
1.05
0.92
UHP252010BF-6R8M
6.8
±20%
0.1V/1M
0.370
0.95
0.80
0.85
0.76
UHP252010BF-100M
10
±20%
0.1V/1M
0.470
0.75
0.65
0.75
0.67
UHP252010BF-150M
15
±20%
0.1V/1M
0.750
0.55
0.45
0.55
0.50
UHP252010BF-220M
22
±20%
0.1V/1M
1.120
0.50
0.40
0.50
0.45
Note:
Isat:Saturation Current (Isat) will cause L0 to drop approximately 30%.
Irms:Heat Rated Current (Irms) will cause the coil temperature rise approximately ΔT of 40℃
C
A
B
D
D
E
Halogen-free
Halogen


Similar Part No. - UHP252010BF-R68Y

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
UHP252010BV TAI-TECH-UHP252010BV Datasheet
86Kb / 3P
Power Inductor
UHP252010BV-100M TAI-TECH-UHP252010BV-100M Datasheet
86Kb / 3P
Power Inductor
UHP252010BV-150M TAI-TECH-UHP252010BV-150M Datasheet
86Kb / 3P
Power Inductor
UHP252010BV-1R0Y TAI-TECH-UHP252010BV-1R0Y Datasheet
86Kb / 3P
Power Inductor
UHP252010BV-1R5Y TAI-TECH-UHP252010BV-1R5Y Datasheet
86Kb / 3P
Power Inductor
More results

Similar Description - UHP252010BF-R68Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R0612-8R2K ETC1-R0612-8R2K Datasheet
38Kb / 1P
Power Inductor
logo
Sumida Corporation
CDRC62 SUMIDA-CDRC62 Datasheet
228Kb / 2P
Power Inductor
CDRR127 SUMIDA-CDRR127 Datasheet
32Kb / 1P
Power Inductor
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C2DEP1010 SUMIDA-C2DEP1010 Datasheet
206Kb / 3P
Power Inductor
CDEP1411 SUMIDA-CDEP1411 Datasheet
222Kb / 4P
Power Inductor
CDRH8D38A SUMIDA-CDRH8D38A_11 Datasheet
170Kb / 4P
Power Inductor
CDRR75 SUMIDA-CDRR75 Datasheet
174Kb / 4P
Power Inductor
CDRR107 SUMIDA-CDRR107_11 Datasheet
153Kb / 4P
Power Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com