Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6ASRW Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # C6ASRW
Description  NEXTSPEED짰Ascent Category 10GbE Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

C6ASRW Datasheet(HTML) 1 Page - Hubbell Incorporated.

  C6ASRW Datasheet HTML 1Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hubbell Premise Wiring • Hubbell Incorporated (Delaware) • 40 Waterview Drive • Shelton, CT 06484 • Phone (800) 626-0005 • FAX (860) 535-5368
Cable
UTP Cables
NEXTSPEED®Ascent Category 10GbE Cable
Features
10GbE Application Assurance
Maximum Bandwidth Beyond 750MHz
Component Compliant ANEXT Performance
PoE and PoE+ Ready
Ordering Information
Description
Color
Catalog Number UPC Number
NEXTSPEED®Ascent
10GbE, 4-Pair, UTP Cable,
Riser Spool
White
C6ASRW
662620201986
Listings
TIA-568-C.2 (Category 6A Component)
NEC Article 800 Compliant
UL Listed and Tested
Specifications
Wire
23 AWG Bare Solid Copper
Primary Insulation
CMP: FEP
Primary Insulation
CMR: Polyolefin
Cabling
4 Unshielded Twisted Pairs
Outer Jacket
Low Smoke PVC
Inner Jacket
PVC
Performance
Verifications
IEEE 802.3af (PoE), IEEE 802.3at (PoE+), and IEEE
802.3bt (4PPPoE)
Exceeds IEEE 802.3an 10GBASE-T Link Segment
Requirements
Applications
Data Centers 10GbE Between Devices
High-Performance Cable Applications
PoE Applications
Accessories
NEXTSPEED Ascent 10GbE Jacks
HJ6AW
NEXTSPEED Ascent 10GbE Patch Panels HP6App (pp=Ports)
NEXTSPEED Ascent 10GbE Patch Cords
HC6AWyy (yy=Standard Length)


Similar Part No. - C6ASRW

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
C6ASRB HUBBELL-C6ASRB Datasheet
647Kb / 1P
NEXTSPEED짰Ascent Category 10GbE Cable
C6ASRGY HUBBELL-C6ASRGY Datasheet
671Kb / 1P
NEXTSPEED짰Ascent Category 10GbE Cable
C6ASRY HUBBELL-C6ASRY Datasheet
672Kb / 1P
NEXTSPEED짰Ascent Category 10GbE Cable
More results

Similar Description - C6ASRW

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
PREMISE_C6ASRY HUBBELL-PREMISE_C6ASRY Datasheet
672Kb / 1P
NEXTSPEED짰Ascent Category 10GbE Cable
PREMISE_C6ASRGY HUBBELL-PREMISE_C6ASRGY Datasheet
671Kb / 1P
NEXTSPEED짰Ascent Category 10GbE Cable
PREMISE_C6ASRB HUBBELL-PREMISE_C6ASRB Datasheet
647Kb / 1P
NEXTSPEED짰Ascent Category 10GbE Cable
PREMISE_C6ASPY HUBBELL-PREMISE_C6ASPY Datasheet
646Kb / 1P
NEXTSPEED짰Ascent Category 10GbE Cable
PREMISE_C6ASPW HUBBELL-PREMISE_C6ASPW Datasheet
645Kb / 1P
NEXTSPEED짰Ascent Category 10GbE Cable
PREMISE_C6ASPGY HUBBELL-PREMISE_C6ASPGY Datasheet
675Kb / 1P
NEXTSPEED짰Ascent Category 10GbE Cable
PREMISE_C6ASPB HUBBELL-PREMISE_C6ASPB Datasheet
648Kb / 1P
NEXTSPEED짰Ascent Category 10GbE Cable
PREMISE_C6AFTPSRGY HUBBELL-PREMISE_C6AFTPSRGY Datasheet
233Kb / 1P
NEXTSPEED짰Ascent Category 6A FTP
PREMISE_C6AFTPSPY HUBBELL-PREMISE_C6AFTPSPY Datasheet
231Kb / 1P
NEXTSPEED짰Ascent Category 6A FTP
PREMISE_C6AFTPSPGY HUBBELL-PREMISE_C6AFTPSPGY Datasheet
233Kb / 1P
NEXTSPEED짰Ascent Category 6A FTP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com