Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4024 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC4024
Description  7 STAGE BINARY COUNTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4024 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC4024 Datasheet HTML 1Page - STMicroelectronics M74HC4024 Datasheet HTML 2Page - STMicroelectronics M74HC4024 Datasheet HTML 3Page - STMicroelectronics M74HC4024 Datasheet HTML 4Page - STMicroelectronics M74HC4024 Datasheet HTML 5Page - STMicroelectronics M74HC4024 Datasheet HTML 6Page - STMicroelectronics M74HC4024 Datasheet HTML 7Page - STMicroelectronics M74HC4024 Datasheet HTML 8Page - STMicroelectronics M74HC4024 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
M74HC4024
2/10
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
(*) 500mW at 65
°C; derate to 300mW by 10mW/°C from 65°C to 85°C
PIN No
SYMBOL
NAME AND FUNCTION
1
CLOCK
Clock Input (HIGH to
LOW, Edge-triggered)
2
CLEAR
Reser Input (Active High)
12, 11, 9, 6,
5, 4, 3
Q1 to Q7
Parallel Inputs
8, 10, 13
NC
Not Connected
7
GND
Ground (0V)
14
Vcc
Positive Supply Voltage
CLOCK
CLEAR
OUTPUT STATE
X
H
ALL OUTPUTS = "L"
L
NO CHANGE
L
ADVANCE TO NEXT STATE
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
500(*)
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com