Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4024M1R Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC4024M1R
Description  7 STAGE BINARY COUNTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4024M1R Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC4024M1R Datasheet HTML 1Page - STMicroelectronics M74HC4024M1R Datasheet HTML 2Page - STMicroelectronics M74HC4024M1R Datasheet HTML 3Page - STMicroelectronics M74HC4024M1R Datasheet HTML 4Page - STMicroelectronics M74HC4024M1R Datasheet HTML 5Page - STMicroelectronics M74HC4024M1R Datasheet HTML 6Page - STMicroelectronics M74HC4024M1R Datasheet HTML 7Page - STMicroelectronics M74HC4024M1R Datasheet HTML 8Page - STMicroelectronics M74HC4024M1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
July 2001
s
HIGH SPEED :
fMAX = 79 MHz (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 4024
DESCRIPTION
The M74HC4024 is an high speed CMOS 7
STAGE
BINARY
COUNTER
fabricated
with
silicon gate C2MOS technology.
This devices is incremented on the falling edge
(negative transition) of the input clock, and all its
outputs are reset to a low level by applying a
logical high level on their reset input (CLEAR).
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC4024
7 STAGE BINARY COUNTER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC4024B1R
SOP
M74HC4024M1R
M74HC4024RM13TR
TSSOP
M74HC4024TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC4024M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4024M1R STMICROELECTRONICS-M74HC4024M1R Datasheet
246Kb / 11P
7 STAGE BINARY COUNTER
Oct-1992
More results

Similar Description - M74HC4024M1R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4024 PHILIPS-74HC4024 Datasheet
42Kb / 7P
7-stage binary ripple counter
December 1990
HEF4024B PHILIPS-HEF4024B Datasheet
42Kb / 5P
7-stage binary counter
January 1995
logo
STMicroelectronics
M54HC4024 STMICROELECTRONICS-M54HC4024 Datasheet
246Kb / 11P
7 STAGE BINARY COUNTER
Oct-1992
logo
Toshiba Semiconductor
TC74HC4024AP TOSHIBA-TC74HC4024AP Datasheet
218Kb / 5P
7-STAGE BINARY COUNTER
logo
Hitachi Semiconductor
HD74HC4024 HITACHI-HD74HC4024 Datasheet
47Kb / 8P
7-stage Binary Counter
logo
National Semiconductor ...
CD4024BC NSC-CD4024BC Datasheet
114Kb / 6P
7-Stage Ripple Carry Binary Counter
logo
NXP Semiconductors
74HC4024N PHILIPS-74HC4024N Datasheet
99Kb / 18P
7-stage binary ripple counter
Rev. 03-12 November 2004
logo
Renesas Technology Corp
HD74HC4024 RENESAS-HD74HC4024 Datasheet
91Kb / 7P
7-stage Binary Counter
logo
Nexperia B.V. All right...
74HC4024-Q100 NEXPERIA-74HC4024-Q100 Datasheet
219Kb / 13P
7-stage binary ripple counter
74HC4024 NEXPERIA-74HC4024 Datasheet
218Kb / 13P
7-stage binary ripple counter
Rev. 10 - 23 November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com