Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2082CS Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL2082CS
Description  Current Mode Multiplier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2082CS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL2082CS Datasheet HTML 5Page - Intersil Corporation EL2082CS Datasheet HTML 6Page - Intersil Corporation EL2082CS Datasheet HTML 7Page - Intersil Corporation EL2082CS Datasheet HTML 8Page - Intersil Corporation EL2082CS Datasheet HTML 9Page - Intersil Corporation EL2082CS Datasheet HTML 10Page - Intersil Corporation EL2082CS Datasheet HTML 11Page - Intersil Corporation EL2082CS Datasheet HTML 12Page - Intersil Corporation EL2082CS Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
phase lag of the EL2082 detracts from the phase margin of
the op-amp, and some overall bandwidth reduction may
result. The EL2082 appears as a 3.0ns delay, well past
100MHz. Thus, for a 20MHz loop bandwidth, the EL2082 will
subtract 20MHzx 3.0nsx 360 degrees= 21.6 degrees. The
loop path should have at least 55 degrees of phase margin
for low ringing in this connection. Loop bandwidth is always
reduced by the ratio RIN/(RIN + RF) with voltage mode op-
amps.
Current-feedback op-amps again solve the summing-
junction capacitance problem in this connection. The loop
bandwidth here becomes a matter of transimpedance over
frequency and its phase characteristics. Unfortunately, this
is generally poorly documented in amplifier data sheets. A
rule of thumb is that the transimpedance falls to the value of
the recommended feedback resistor at a frequency of
F- 3dB/4 to F-3dB/2, where F-3dB is the unity-gain closed-
loop bandwidth of the amplifier. The phase margin of the op-
amp is usually close to 90° at this frequency.
In general, RF is initially the recommended value for the
particular amplifier and is then empirically adjusted for
amplifier stability at maximum VGAIN, then RIN is set for the
overall circuit gain required. Sometimes a very small CF can
be used to improve loop stability, but it often must be in
series with another resistor of value around RF/2.
A virtue of placing the EL2082 in feedback is that the input-
referred noise will drop as gain increases. This is ideal for
level controls that are used to set the output to a constant
level for a variety of inputs as well as AGC loops.
Furthermore, the EL2082 has a relatively constant input
signal amplitude for a variety of input levels, and its distortion
will be relatively constant and controllable by setting RF.
Note that placing the EL2082 in the feedback path causes
the circuit bandwidth to vary inversely with gain.
The next circuit shows use of the EL2082 in the feedback
path of a non-inverting op-amp:
This example has the same virtues with regards to noise and
distortion as the preceding circuit; and its bandwidth shrinks
with increasing gain as well. The typical 12pF sum of
EL2082 output capacitance in parallel with stray capacitance
necessitates the inclusion of CF to prevent a feedback pole.
Because of this 12pF capacitance at the op-amp -input,
current-feedback op-amps will generally not be useable. As
before, the loop bandwidth and phase margin must
accommodate the extra phase lag of the EL2082.
The VIN pin can be used instead of the IIN pin so:
This connection is useful when a high input impedance is
required. There are a few caveats when using the VIN pin.
The first is that VIN has a 250V/µs slew rate limitation. The
second is that the inevitable CSTRAY across RG causes a
gain zero and gain INCREASES above the 1/(2
π CSTRAY
RG) frequency and can peak as much as 20dB with large
CSTRAY. A graph of gain vs. frequency for several CSTRAYS
is included in the typical performance curves. In general, if
wide bandwidth and frequency flatness is desired, the IIN pin
should be used.
The VIN pin does make an excellent ground reference pin,
for instance when low-frequency noise is to be rejected. The
next schematic shows the EL2082 VIN pin rejecting possible
60Hz hum induced on an RF input cable:
This example shows VIN rejecting low-frequency field-
induced noise but not adding peaking since the 0.01µF
bypass capacitor shunts high-frequency signals to local
ground.
GAIN
1V
VG
--------
R
F
95
Ω
+
RG
-------------------------



=
FIGURE 4. EL2082 IN FEEDBACK NON-INVERTING GAIN
GM
I
OUT
V
IN
-------------
-VG
1V
-----------
=
1
R
G
95
Ω
+
--------------------------


=
FIGURE 5. THE VIN PIN USED AS SIGNAL INPUT
FIGURE 6. USING THE VIN PIN AS A GROUND REFERENCE
TO REJECT HUM AND NOISE
EL2082



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com