Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YHC201610UN-R68Y Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # YHC201610UN-R68Y
Description  Power Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

YHC201610UN-R68Y Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  YHC201610UN-R68Y Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TAI-TECH
www.tai-tech.com.tw
P2
1. Features
2. Dimension
3. Part Numbering
4. Specification
YHC
201610 UN
-
4R7
M
A
B
C
D
E
A: Series
B: Dimension
C: Lead Free
Material
D: Inductance
4R7=4.7uH
E: Inductance Tolerance
M=±20%;Y=±30%
Series
A(mm)
B(mm)
C(mm)
D(mm)
E(mm)
YHC201610UN
2.0 -0.1/+0.2
1.6 -0.1/+0.2
1.0max.
0.60 ref.
0.80 ref.
Power Inductor
YHC201610UN-SERIES
TAI-TECH
Part Number
Inductance
(uH)
Tolerance
(%)
Test
Frequency
(Hz)
DCR
(Ω) ±20%
I sat
(A) typ.
I sat
(A) Max.
I rms
(A) typ.
I rms
(A) Max.
YHC201610UN-R47Y
0.47
±30%
0.1V/1M
0.044
3.00
2.70
2.60
2.35
YHC201610UN-R68Y
0.68
±30%
0.1V/1M
0.062
2.45
2.00
2.25
2.05
YHC201610UN-1R0Y
1.0
±30%
0.1V/1M
0.080
1.95
1.80
1.75
1.60
YHC201610UN-1R5Y
1.5
±30%
0.1V/1M
0.130
1.65
1.46
1.40
1.26
YHC201610UN-2R2M
2.2
±20%
0.1V/1M
0.145
1.45
1.26
1.35
1.20
YHC201610UN-3R3M
3.3
±20%
0.1V/1M
0.245
1.05
0.90
1.05
0.95
YHC201610UN-4R7M
4.7
±20%
0.1V/1M
0.360
0.85
0.77
1.00
0.90
YHC201610UN-6R8M
6.8
±20%
0.1V/1M
0.500
0.80
0.72
0.70
0.55
YHC201610UN-100M
10
±20%
0.1V/1M
0.720
0.62
0.55
0.50
0.45
YHC201610UN-150M
15
±20%
0.1V/1M
1.400
0.50
0.45
0.40
0.36
YHC201610UN-180M
18
±20%
0.1V/1M
1.800
0.45
0.40
0.38
0.34
YHC201610UN-220M
22
±20%
0.1V/1M
2.000
0.43
0.38
0.30
0.27
Note:
Isat:Saturation Current (Isat) will cause L0 to drop approximately 30%.
Irms:Heat Rated Current (Irms) will cause the coil temperature rise approximately ΔT of 40℃
Halogen-free
Halogen
1. This specification applies Low Profile Power Inductors.
2. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
3. Operating temperature :-40~+125℃ (Including self - temperature rise)


Similar Part No. - YHC201610UN-R68Y

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
YHC42T TAI-TECH-YHC42T Datasheet
105Kb / 1P
Power Inductor
YHC42T-100M TAI-TECH-YHC42T-100M Datasheet
105Kb / 1P
Power Inductor
YHC42T-150M TAI-TECH-YHC42T-150M Datasheet
105Kb / 1P
Power Inductor
YHC42T-1R0Y TAI-TECH-YHC42T-1R0Y Datasheet
105Kb / 1P
Power Inductor
YHC42T-220M TAI-TECH-YHC42T-220M Datasheet
105Kb / 1P
Power Inductor
More results

Similar Description - YHC201610UN-R68Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R0612-8R2K ETC1-R0612-8R2K Datasheet
38Kb / 1P
Power Inductor
logo
Sumida Corporation
CDRC62 SUMIDA-CDRC62 Datasheet
228Kb / 2P
Power Inductor
CDRR127 SUMIDA-CDRR127 Datasheet
32Kb / 1P
Power Inductor
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C2DEP1010 SUMIDA-C2DEP1010 Datasheet
206Kb / 3P
Power Inductor
CDEP1411 SUMIDA-CDEP1411 Datasheet
222Kb / 4P
Power Inductor
CDRH8D38A SUMIDA-CDRH8D38A_11 Datasheet
170Kb / 4P
Power Inductor
CDRR75 SUMIDA-CDRR75 Datasheet
174Kb / 4P
Power Inductor
CDRR107 SUMIDA-CDRR107_11 Datasheet
153Kb / 4P
Power Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com