Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NF2D-9 Datasheet(PDF) 2 Page - Neutrik AG

Part # NF2D-9
Description  Phono socket in nickel D-shape housing, white isolation washers, solder version.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NF2D-9 Datasheet(HTML) 2 Page - Neutrik AG

  NF2D-9 Datasheet HTML 1Page - Neutrik AG NF2D-9 Datasheet HTML 2Page - Neutrik AG NF2D-9 Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Information
Product
Title
NF2D-9
Connection Type
RCA
Gender
female
Electrical
Capacitance between contacts
≤ 9 pF
Contact resistance
<10 mΩ
Dielectric strength
0,5 kVdc
Insulation resistance
> 5 GΩ
Rated current per contact
depends on mating connector / A
Rated voltage
< 50 V
Mechanical
Lifetime
> 2000 mating cycles
Wiresize
Wiring
Solder contacts
Mounting direction
Front mounting
Chassis shape
D
Material
Contacts
Brass (CuZn39Pb3)
Shell
Zinc diecast (ZnAl4Cu1)
Contact plating
0.05 µm Au over 2 µm Ni
NF2D-9
2
/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com