Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP3RC Datasheet(PDF) 1 Page - Neutrik AG

Part # NTP3RC
Description  3 pole 3.5 mm audio plug, solder termination, chuck type strain relief, bushing, nickel housing, nickel contacts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NTP3RC Datasheet(HTML) 1 Page - Neutrik AG

  NTP3RC Datasheet HTML 1Page - Neutrik AG NTP3RC Datasheet HTML 2Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTP3RC
3 pole 3.5 mm audio plug, solder termination, chuck type strain
relief, bushing, nickel housing, nickel contacts
The only right-angled metal bodied 3.5 mm jack plug with chuck
type strain relief for secure cable retention. It accepts cables
from 2.0 to 4.5 mm.
Features & Benefits
All metal housing - robust and reliable
•
Chuck type cable clamp and rubber gland - excellent
cable protection
•
Slim design - space saving
•
NTP3RC
1
/2


Similar Part No. - NTP3RC

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NTP3RC-B NEUTRIK-NTP3RC-B Datasheet
75Kb / 2P
3 pole 3.5 mm audio plug, solder termination, chuck type strain relief, bushing, black housing, gold contacts
More results

Similar Description - NTP3RC

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NP3C NEUTRIK-NP3C Datasheet
77Kb / 3P
3 pole 1/4" professional phone plug, Nickel housing, Nickel contacts
NL4FX NEUTRIK-NL4FX Datasheet
92Kb / 3P
4 pole cable connector, chuck type strain relief, dark grey bushing
NL4FX-2 NEUTRIK-NL4FX-2 Datasheet
105Kb / 3P
4 pole cable connector, chuck type strain relief, red bushing
NL4FX-4 NEUTRIK-NL4FX-4 Datasheet
60Kb / 3P
4 pole cable connector, chuck type strain relief, yellow bushing
NL4FX-5 NEUTRIK-NL4FX-5 Datasheet
103Kb / 3P
4 pole cable connector, chuck type strain relief, green bushing
NL4FX-9 NEUTRIK-NL4FX-9 Datasheet
96Kb / 3P
4 pole cable connector, chuck type strain relief, white bushing
NLT4FX NEUTRIK-NLT4FX Datasheet
152Kb / 3P
4 pole female cable connector, nickel housing, chuck type strain relief
NLT8FX NEUTRIK-NLT8FX Datasheet
88Kb / 3P
8-pole female cable connector, Nickel housing, chuck type strain relief, solder
NTP3RC-B NEUTRIK-NTP3RC-B Datasheet
75Kb / 2P
3 pole 3.5 mm audio plug, solder termination, chuck type strain relief, bushing, black housing, gold contacts
logo
REAN
NYS231 REAN-NYS231 Datasheet
220Kb / 4P
Stereo 3 pole 3.5 mm plug, crimp strain relief
09.12.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com