Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4083CS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL4083CS
Description  Current Mode Four Quadrant Multiplier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4083CS Datasheet(HTML) 2 Page - Intersil Corporation

  EL4083CS Datasheet HTML 1Page - Intersil Corporation EL4083CS Datasheet HTML 2Page - Intersil Corporation EL4083CS Datasheet HTML 3Page - Intersil Corporation EL4083CS Datasheet HTML 4Page - Intersil Corporation EL4083CS Datasheet HTML 5Page - Intersil Corporation EL4083CS Datasheet HTML 6Page - Intersil Corporation EL4083CS Datasheet HTML 7Page - Intersil Corporation EL4083CS Datasheet HTML 8Page - Intersil Corporation EL4083CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Absolute Maximum Ratings (TA = 25 °C)
VS
Voltage between VS+ and VS- . . . . . . . . . . . . . . .+33V
IZ(BIAS)
Z, Bias Current . . . . . . . . . . . . . . . . . . . . . . . . .+2.4mA
IX
X Input Current . . . . . . . . . . . . . . . . . . . . . . . . .±2.4mA
IY
Y Input Current . . . . . . . . . . . . . . . . . . . . . . . . .±2.4mA
PD
Maximum Power Dissipation. . . . . . . . . . . . . . See Curves
TA
Operating Temperature Range EL4083 . . -40°C to +85°C
TJ
Operating Junction Temperature EL4083 . . . . . . . . .150°C
TST
Storage Temperature . . . . . . . . . . . . . . . -65°C to +150°C
Electrical Specifications
TA = 25°C, VS = ±5, IZ = 1.6mA unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Operating Supply Voltage Range
±4.5
±16.5
V
ICC
VS = ±15V, IZ = 0.2mA
7.2
8.5
9.5
mA
ICC
VS = ±5V, IZ = 1.6mA
42.0
44.0
45
mA
IEE
VS = ±15V, IZ = 0.2mA
9.5
10.0
12
mA
IEE
VS = ±5V, IZ = 1.6mA
45
47
48
mA
MULTIPLIER PERFORMANCE
Transfer Function (Note 1)
(IXY-IXY) = K(IX × IY)/IZ
K Value
0.92
0.965
1.01
Total Error (Note 2)
-2mA < IX, IY < 2mA
±0.5
±2
%FS
vs. Temp
TMIN to TMAX
±1.5
±3
%FS
Linearity (Note 3)
0.25
0.5
%FS
Bandwidth (Note 4)
-3dB (Figure 2)
200
225
MHz
X Feedthrough DC to IXY or IXY (Note 1)
IX = ±2mA, IY = 0 (unnulled)
0.15
1.6
%FS
Y Feedthrough DC to IXY or IXY (Note1)
IY = ±2mA, IX = 0 (unnulled)
0.15
1.6
%FS
AC Feedthrough, X to IXY or IXY (Note 5)
IX = 4mAPP, IY = nulled
f = 3.58MHz
-80
dB
f = 100MHz
-28
dB
AC Feedthrough, X to (IXY-IXY) (Note 5)
IX = 4mAPP, IY = nulled,
DC < f < 1 GHz
-50
dB
AC Feedthrough, Y to IXY or IXY (Note 5)
IY = 4mAPP, IX = nulled
f = 3.58MHz
-64
dB
f = 100MHz
-26
dB
AC Feedthrough, Y to (IXY-IXY)-(Note 5)
IY = 4mAPP, IX = nulled
DC < f < 1 GHz
-50
dB
INPUTS (IX, IY)
Full Scale Range
FRS = 1.25
× IZ (Nominal)
±2
mA
Clipping Level
CL = 2 × IZ
2.85
3.2
mA
ZIN (IX)
30
40
48
Ω
ZIN (IY)
30
36
48
Ω
Input Offset Voltages
at Input Pins, IZ = 1.6mA
-4
+4
mV
(VOSX,VOSY)IZ = 0.2mA
-12
+12
mV
Input Offset Currents (Note 1)
RSX = RSY = 1K, VX = VY = 0
±10
±40
µA
IXOS, IYOS
TMIN to TMAX
±20
nA/°C
Nonlinearity
IX
IY = 2mA, - 2mA < IX < 2mA
0.1
0.6
%FS
IY
IX = 2mA, - 2mA < IY < 2mA
0.1
0.4
%FS
EL4083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com