Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4093CS Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL4093CS
Description  300MHz DC-Restored Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4093CS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL4093CS Datasheet HTML 4Page - Intersil Corporation EL4093CS Datasheet HTML 5Page - Intersil Corporation EL4093CS Datasheet HTML 6Page - Intersil Corporation EL4093CS Datasheet HTML 7Page - Intersil Corporation EL4093CS Datasheet HTML 8Page - Intersil Corporation EL4093CS Datasheet HTML 9Page - Intersil Corporation EL4093CS Datasheet HTML 10Page - Intersil Corporation EL4093CS Datasheet HTML 11Page - Intersil Corporation EL4093CS Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Autozero Interface
The autozero interface refers to the connection between the
S/H output and the CFA inverting input. This interface has
been greatly simplified compared to that of the EL2090, in
that the S/H output is a high impedance current source. The
S/H output can be connected directly to the inverting input,
and its high impedance greatly reduces the interaction
between the sample & hold and the gain setting resistors.
Another virtue of this interface is better gain linearity as the
autozero current changes. For example, at an autozero
current of 0mA the output impedance is about 5M
Ω,
dropping to 1M
Ω as the autozero current increases to 3mA.
Using RF = RG = 750Ω, the closed loop gain changes only
by 0.025% in this interval.
Autozero Range
The autozero range is defined as the difference between the
input DC level and the reference voltage to restore to. The
size of this range is a function of the gain setting resistors
used and the S/H output current swing. For a gain of +2 the
optimum feedback resistor is 750
Ω, and the available S/H
output current is ±5.5mA minimum. To determine the
autozero range for this case, we refer to Figure 3 below.
Suppose that the input DC level is +VDC, and that the
reference voltage is 0V. We know that in feedback, the
following two conditions will exist on the CFA: first, its output
will be equal to 0V (due to autozero), and second, its VIN-
voltage is equal to the VIN+ voltage (i.e. VIN- = +VDC). So
we have a potential difference of +VDC across both RF and
RG, resulting in a current IRF = IRG = VDC/750Ω that must
flow into each of them. This current IAZ = (IRF + IRG) must
come from the S/H output. Since the maximum that IAZ can
be is 5.5mA, we can solve for VDC using the following:
and see that VDC = ±2V. This range can easily
accommodate most video signals.
As another example, consider the case where we are
restoring to a reference voltage of +0.75V. Using the same
reasoning as above, a current IRF = (VDC - 0.75V)/RF must
flow through RF, and a current IRG = VDC/RG must go into
RG. Again, our boundary condition is that IRF + IRG
≤ ±5.5mA, and we can solve for the allowable VDC values
using the following:
Hence VDC must be between +2.4V to -1.7V. This example
illustrates that when the reference changes, the autozero
range also changes. In general, the user should determine
the autozero range for his/her application, and ensure that
the input signal is within this range during the autozero
period.
Autozero Loop Bandwidth
The gain-bandwidth product (GBWP) of the autozero loop is
determined by the size of the hold capacitor, the value of RF,
and the transconductances (gm’s) of the S/H amplifier. To
begin, the S/H amplifier is modeled as in Figure 4. First, the
input stage transconductance is represented by gm1, with
the compensation capacitor given by CHOLD. This stage’s
GBWP is thus gm1/(2
π • C
HOLD) = 1/(2π • (350Ω)(2.2nF)) =
207kHz. Next, since the S/H has a current output, its output
stage can be modeled as a transconductance gm2, in this
case having a value of 1/(500
Ω). The current from gm2 then
flows through the I to V converter made up of the CFA and
RF to produce a voltage gain. Thus the GBWP of the overall
loop is given by:
GAIN
OPTIMUM RF
BW (MHz)
PEAKING (dB)
+1
910
314
0.2
+2
750
300
0
+5
470
294
0.2
-1
680
300
0
FIGURE 3.
I
AZ
5.5mA
2
V
DC
750
Ω
---------------


=
±
=
5.5mA
V
DC
0.75V
–
750
Ω
----------------------------------
V
DC
750
Ω
---------------
+
=
±
GBWP
gm1
2
π C
HOLD
×
--------------------------------- gm2
R
F
×
()
=
EL4093



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com