Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QOU110HM Datasheet(PDF) 1 Page - Schneider Electric

Part # QOU110HM
Description  QOU Miniature Circuit Breaker, 10A, 1P, 120/240V, 10kA, High Mag.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QOU110HM Datasheet(HTML) 1 Page - Schneider Electric

  QOU110HM Datasheet HTML 1Page - Schneider Electric QOU110HM Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
QOU110HM
QOU Miniature Circuit Breaker, 10A, 1P,
120/240V, 10kA, High Mag.
Price** : 40.20 USD
Main
Product or component type
Miniature circuit-breaker
Range of product
QOU
Circuit breaker type
High magnetic
Complementary
Line Rated Current
10 A
Number of Poles
1P
Interrupt Rating
10 kA 120/240 V AC
Electrical connection
Slotted box lugs, line side
Slotted box lugs, load side
[Ue] rated operational voltage
120/240 V AC
Mounting mode
Unit mount
AWG gauge
AWG 14...AWG 2 aluminium/copper
Height
4.05 in (102.87 mm)
Depth
2.95 in (74.93 mm)
Width
0.75 in (19.05 mm)
Tightening torque
5.08 N.m (45 lbf.in) AWG 14...AWG 2)
Environment
Product certifications
CSA
UL listed
IEC
Ordering and shipping details
Category
00900-QOU BREAKERS & SWITCH
Discount Schedule
DE2
Returnability
No
Mar 2, 2020
1


Similar Part No. - QOU110HM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QOU110 ETC2-QOU110 Datasheet
1Mb / 32P
QOU Miniature Circuit Breakers and Switches Unit Mount (Cable-in/Cable-out)
logo
Schneider Electric
QOU1100 SCHNEIDER-QOU1100 Datasheet
105Kb / 2P
QOU Miniature Circuit Breaker, 100A, 1P. 120/240V, 10kA
Feb 21, 2020
QOU11001200 SCHNEIDER-QOU11001200 Datasheet
117Kb / 2P
QOU Miniature Circuit Breaker, 100A, 1P, 120/240V, 10kA, Aux Switch
Mar 2, 2020
QOU1101021 SCHNEIDER-QOU1101021 Datasheet
120Kb / 2P
QOU Miniature Circuit Breaker, 10A, 1P, 120/240V, 10kA, Shunt Trip
Mar 2, 2020
QOU1101042 SCHNEIDER-QOU1101042 Datasheet
120Kb / 2P
QOU Miniature Circuit Breaker, 10A, 1P, 120/240V, 10kA, Shunt Trip
Mar 2, 2020
More results

Similar Description - QOU110HM

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU120 SCHNEIDER-QOU120 Datasheet
93Kb / 2P
QOU Miniature Circuit Breaker, 20A, 1P, 120/240V, 10kA
QOU120HM SCHNEIDER-QOU120HM Datasheet
88Kb / 2P
QOU Miniature Circuit Breaker, 20A, 1P, 120/240V, 10kA, High Mag.
QOU1101200 SCHNEIDER-QOU1101200 Datasheet
120Kb / 2P
QOU Miniature Circuit Breaker, 10A, 1P, 120/240V, 10kA, Aux Switch
QOU1103100 SCHNEIDER-QOU1103100 Datasheet
108Kb / 2P
QOU Miniature Circuit Breaker, 10A, 1P, 120/240V, 10kA, Mounting Foot
QOU1105283 SCHNEIDER-QOU1105283 Datasheet
110Kb / 2P
QOU Miniature Circuit Breaker, 10A, 1P, 120/240V, 10kA, Ring Terminal
QOU115HM SCHNEIDER-QOU115HM Datasheet
118Kb / 2P
QOU Miniature Circuit Breaker, 15A, 1P, 120/240V, 10kA, High Mag.
Mar 2, 2020
QOU120HM1021 SCHNEIDER-QOU120HM1021 Datasheet
114Kb / 2P
QOU Miniature Circuit Breaker, 20A, 1P, 120/240V, 10kA, High Mag.,Shunt Trip
Mar 2, 2020
QOU1101021 SCHNEIDER-QOU1101021 Datasheet
120Kb / 2P
QOU Miniature Circuit Breaker, 10A, 1P, 120/240V, 10kA, Shunt Trip
Mar 2, 2020
QOU1101042 SCHNEIDER-QOU1101042 Datasheet
120Kb / 2P
QOU Miniature Circuit Breaker, 10A, 1P, 120/240V, 10kA, Shunt Trip
Mar 2, 2020
QOU1101201 SCHNEIDER-QOU1101201 Datasheet
114Kb / 2P
QOU Miniature Circuit Breaker, 10A, 1P, 120/240V, 10kA, Aux Switch
Mar 2, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com