Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4094CS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL4094CS
Description  Video Gain Control/Fader
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4094CS Datasheet(HTML) 2 Page - Intersil Corporation

  EL4094CS Datasheet HTML 1Page - Intersil Corporation EL4094CS Datasheet HTML 2Page - Intersil Corporation EL4094CS Datasheet HTML 3Page - Intersil Corporation EL4094CS Datasheet HTML 4Page - Intersil Corporation EL4094CS Datasheet HTML 5Page - Intersil Corporation EL4094CS Datasheet HTML 6Page - Intersil Corporation EL4094CS Datasheet HTML 7Page - Intersil Corporation EL4094CS Datasheet HTML 8Page - Intersil Corporation EL4094CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
VS+
Voltage between VS+ and GND . . . . . . . . . . . . . . . . .+18V
VS
Voltage between VS+ and VS- . . . . . . . . . . . . . . . . . .+33V
VINA,
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . (VS-) -0.3V
VINB
to (VS+) +0.3V
VGAIN Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . VGAIN ±5V
VGAIN
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . VS- to VS+
IOUT
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±35mA
Internal Power Dissipation. . . . . . . . . . . . . . . . See Curves
TA
Operating Ambient Temp. Range . . . . . . . . -40°C to +85°C
TJ
Operating Junction Temperature . . . . . . . . . . . . . . . . 150°C
TST
Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Open-Loop DC Electrical Specifications
VS = ±5V, TA = 25°C, VGAIN = +0.6V to measure channel A, VGAIN = -0.6V to
measure channel B, VGAIN = 0V, unless otherwise specified. NL, AV = 0.25V
PARAMETER
DESCRIPTION
LIMITS
UNITS
MIN
TYP
MAX
VOS
Input Offset Voltage
4
30
mV
IB+VIN Input Bias Current
2
10
µA
PSRR
Power Supply Rejection Ratio
60
80
dB
EG
Gain Error, 100% Setting
-0.5
-0.8
%
VIN
VIN Range
(V-) +2.5
(V+) -2.5
V
VO
Output Voltage Swing
(V-) +2.5
(V+) -2.5
V
ISC
Output Short-Circuit Current
50
95
150
mA
VGAIN, 100%
Minimum Voltage at VGAIN for 100% Gain
0.45
0.5
0.55
V
VGAIN, 0%
Maximum Voltage at VGAIN for 0% Gain
-0.55
-0.5
-0.45
V
NL, Gain
Gain Control Non-linearity, VIN = ±0.5V
1.5
4
%
NL, AV = 1
Signal Non-linearity, VIN = 0 to ±1V, VGAIN = 0.55V
0.01
%
AV = 0.5
Signal Non-linearity, VIN = 0 to ±1V, VGAIN = 0V
0.05
%
AV = 0.25
Signal Non-linearity, VIN = 0 to ±1V, VGAIN = -0.25V
0.2
0.5
%
RGAIN
Resistance between VGAIN and VGAIN
4.6
5.5
6.6
k
Ω
IS
Supply Current
12
14.5
19
mA
FT
Off-Channel Feedthrough
-75
-50
dB
Closed-Loop AC Electrical Specifications
VS = ±15V, CL = 15pF, TA = 25°C, AV = 100% unless otherwise noted.
PARAMETER
DESCRIPTION
LIMITS
UNITS
MIN
TYP
MAX
SR
Slew Rate; VOUT from -3V to +3V measured at -2V and +2V
370
500
V/µs
BW
Bandwidth,
-3dB
45
60
MHz
-1dB
35
MHz
-0.1dB
6MHz
EL4094



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com