Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4095CS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL4095CS
Description  Video Gain Control/Fader/Multiplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4095CS Datasheet(HTML) 2 Page - Intersil Corporation

  EL4095CS Datasheet HTML 1Page - Intersil Corporation EL4095CS Datasheet HTML 2Page - Intersil Corporation EL4095CS Datasheet HTML 3Page - Intersil Corporation EL4095CS Datasheet HTML 4Page - Intersil Corporation EL4095CS Datasheet HTML 5Page - Intersil Corporation EL4095CS Datasheet HTML 6Page - Intersil Corporation EL4095CS Datasheet HTML 7Page - Intersil Corporation EL4095CS Datasheet HTML 8Page - Intersil Corporation EL4095CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
VS+ Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+18V
VS
Voltage between VS+ and VS- . . . . . . . . . . . . . . . . . . . .+33V
+VINA,Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (VS-) -0.3V
+VINB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . to (VS+) +0.3V
IIN
Current Into -VINA, -VINB . . . . . . . . . . . . . . . . . . . . . . . . 5mA
VGAIN Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGAIN ±5V
VGAIN Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VS- to VS+
VFORCEInput Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to +6V
IOUT Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±35mA
TA
Operating Temperature Range . . . . . . . . . . . . -40°C to +85°C
TJ
Operating Junction Temperature. . . . . . . . . . . 0°C to +150°C
TST
Storage Temperature Range. . . . . . . . . . . . . -65°C to +150°C
Internal Power Dissipation . . . . . . . . . . . . . . . . . See Curves
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Open-Loop DC Electrical Specifications
VS = ±15V, TA = 25°C, VGAIN ground unless otherwise specified
PARAMETER
DESCRIPTION
LIMITS
UNITS
MIN
TYP
MAX
VOS
Input Offset Voltage
1.5
5
mV
IB++VIN Input Bias Current
5
10
µA
IB--VIN Input Bias Current
10
50
µA
CMRR
Common Mode Rejection
65
80
dB
-CMRR
-VIN Input Bias Current Common Mode Rejection
0.5
1.5
µA/V
PSRR
Power Supply Rejection Ratio
65
95
dB
-IPSR
-VIN Input Current Power Supply Rejection Ratio
0.2
2
µA/V
ROL
Transimpedance
0.2
0.4
M
Ω
RIN-
-VIN Input Resistance
80
Ω
VIN
+VIN Range
(V-) + 3.5
(V+) -3.5
V
VO
Output Voltage Swing
(V-) +2
(V+) -2
V
ISC
Output Short-Circuit Current
80
125
160
mA
VIH
Input High Threshold at Force A or Force B Inputs
2.0
V
VIL
Input Low Threshold at Force A or Force B Inputs
0.8
V
IFORCE, High
Input Current of Force A or Force B, VFORCE = 5V
-50
µA
IFORCE, Low
Input Current of Force A or Force B, VFORCE = 0V
-440
-650
µA
Feedthrough,
Forced
Feedthrough of Deselected Input to Output,
Deselected Input at 100% Gain Control
60
75
dB
VGAIN, 100%
Minimum Voltage at VGAIN for 100% Gain
0.45
0.5
0.55
V
VGAIN, 0%
Maximum Voltage at VGAIN for 0% Gain
-0.55
-0.5
-0.45
V
NL, Gain
Gain Control Non-linearity, VIN = ±0.5V
2
4
%
RIN, VG
Impedance between VGAIN and VGAIN
4.5
5.5
6.5
k
Ω
NL, AV = 1
AV = 0.5
AV = 0.25
Signal Non-linearity, VIN = ±1V, VGAIN = 0.55V
Signal Non-linearity, VIN = ±1V, VGAIN = 0V
Signal Non-linearity, VIN = ±1V, VGAIN = -0.25V
<0.01
0.03
0.07
0.4
%
%
%
IS
Supply Current
17
21
mA
EL4095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com