Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4332CSZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL4332CSZ
Description  Triple 2:1 300MHz Mux-Amp AV = 2
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4332CSZ Datasheet(HTML) 2 Page - Intersil Corporation

  EL4332CSZ Datasheet HTML 1Page - Intersil Corporation EL4332CSZ Datasheet HTML 2Page - Intersil Corporation EL4332CSZ Datasheet HTML 3Page - Intersil Corporation EL4332CSZ Datasheet HTML 4Page - Intersil Corporation EL4332CSZ Datasheet HTML 5Page - Intersil Corporation EL4332CSZ Datasheet HTML 6Page - Intersil Corporation EL4332CSZ Datasheet HTML 7Page - Intersil Corporation EL4332CSZ Datasheet HTML 8Page - Intersil Corporation EL4332CSZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
NOTES:
1. Each channel’s A-input to its B-input.
2. There is no short circuit protection on any output.
Absolute Maximum Ratings (TA = 25°C)
VCC to VEE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .14V
VCC to any GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12V
VEE to any GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12V
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 45mA
Any Input . . . . . . . . . . . . . . . . . . . . . . . . . . VEE -0.3V to VCC +0.3V
Input Current, Any Input. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Ambient Operating Temperature . . . . . . . . . . . . . . . . . -40°C to 85°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150°C
Storage Temperature. . . . . . . . . . . . . . . . . . . . . . . . -60°C to +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
VCC = +5V, VEE = -5V, Temperature = 25°C, RL = ∞
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
VOS
Input Referred Offset Voltage
8
20
mV
dVOS
Input Referred Offset Voltage Delta (Note 1)
2
8
mV
RIN
Input Resistance
30
k
Ω
IB
Input Bias Current
-7
-30
µA
dIB
Input Bias Current Delta (Note 1)
0.5
4.0
µA
AV
Gain
1.94
2.00
2.06
V/V
dAV
Gain Delta (Note 1)
0.5
2.5
%
CIN
Input Capacitance
3.3
pF
PSRR
Power Supply Rejection Ratio
50
70
dB
VO
Output Voltage Swing into 500
Ω load
±2.7
±3.6
V
Output Voltage Swing into 150
Ω load
+3/-2.7
V
IOUT
Current Output, Measured with 75
Ω Load (Note 2)
30
40
mA
XtalkAB
Crosstalk from Non-selected Input (at DC)
-70
-100
dB
XtalkCH-CH
Crosstalk from one Amplifier to another Amplifier
-70
-100
dB
VIH
Input Logic High Level
2.0
V
VIL
Input Logic Low Level
0.8
V
IIL
Logic Low Input Current (VIN = 0V)
-0.3
-40
-80
µA
IIH
Logic High Input Current (VIN = 0V)
-3
0
3
µA
IS
Total Supply Current
38
48
60
mA
AC Electrical Specifications
VCC = +5V, VEE = -5V, Temperature = 25°C, RL = 150Ω, CL = 3pF.
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
BW
-3dB Bandwidth
300
MHz
BW 0.1dB
±0.1dB Bandwidth
105
MHz
DG
Differential Gain at 3.58MHz
0.04
%
DP
Differential Phase at 3.58MHz
0.08
°
Pkg
Peaking with Nominal Load
0.2
dB
SR
Slew Rate (4V Square Wave, Measured 25%–75%)
650
V/µs
EL4332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com