Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NL4MP-2 Datasheet(PDF) 2 Page - Neutrik AG

Part # NL4MP-2
Description  4 pole chassis connector, black D-size flange, mirrored self tapping screw holes (A-screw), 3/16" flat tabs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NL4MP-2 Datasheet(HTML) 2 Page - Neutrik AG

  NL4MP-2 Datasheet HTML 1Page - Neutrik AG NL4MP-2 Datasheet HTML 2Page - Neutrik AG NL4MP-2 Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Information
Product
Title
NL4MP-2
Connection Type
speakON
Gender
male
Electrical
Contact resistance
≤ 3 mΩ (after lifetime)
Dielectric strength
4 kVdc (peak)
Insulation resistance
> 1 GΩ (after dampheat)
Rated current per contact
30 A rms continuous
Rated current per contact
40 A audiosignal, duty cycle 50 %
Rated voltage
250 V ac
Attention
speakON is NOT to be used as an AC mains or power supply
connector!
Mechanical
Lifetime
> 5000 mating cycles
Wiresize
Locking device
Quick Lock
Mounting direction
Rear mounting
Chassis shape
D
Layout
mirrored hole position, self tapping screw holes (A-Screw)
Material
Contact plating
4 µm Ag
Contacts
Bronze (CuSn6)
Shell
Polyamide (PA 6 30 % GR) black
NL4MP-2
2
/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com