Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLT4MP Datasheet(PDF) 2 Page - Neutrik AG

Part # NLT4MP
Description  4 pole male chassis connector, metal housing, solder or 쩌" flat tabs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NLT4MP Datasheet(HTML) 2 Page - Neutrik AG

  NLT4MP Datasheet HTML 1Page - Neutrik AG NLT4MP Datasheet HTML 2Page - Neutrik AG NLT4MP Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Information
Product
Title
NLT4MP
Connection Type
speakON
Gender
male
Electrical
Contact resistance
< 2 mΩ (after lifetime)
Dielectric strength
4 kVdc (peak)
Insulation resistance
> 10 GΩ
Rated current per contact
40 A rms continuous
Rated current per contact
50 A audiosignal, duty cycle 50 %
Rated voltage
250 V ac
Attention
speakON is NOT to be used as an AC mains or power supply
connector!
Mechanical
Lifetime
> 5000 mating cycles
Wiresize
Locking device
Quick Lock
Chassis shape
square G-size flange
Layout
four thru holes
Material
Contact plating
4 µm Ag
Insert
Polyamide (PA 6 30 % GR)
Shell
Zinc diecast (ZnAl4Cu1) Ni
Contacts
Spring Copper (CuSn0.2)
NLT4MP
2
/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com