Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLT4MP-BAG Datasheet(PDF) 1 Page - Neutrik AG

Part # NLT4MP-BAG
Description  4 pole male chassis connector, black-chrome metal housing, solder or 쩌" flat tabs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NLT4MP-BAG Datasheet(HTML) 1 Page - Neutrik AG

  NLT4MP-BAG Datasheet HTML 1Page - Neutrik AG NLT4MP-BAG Datasheet HTML 2Page - Neutrik AG NLT4MP-BAG Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NLT4MP-BAG
4 pole male chassis connector, black-chrome metal housing,
solder or ¼" flat tabs
The speakON STX Series was especially designed for heavy duty
amplifier-loudspeaker applications like professional touring. The
extremely rugged and durable STX Series features an all metal
housing.
Features & Benefits
Extremely robust metal housing designed for harsh
and demanding environment
•
Ideal product for touring applications and harsh
environments
•
Current rating 40 Amp continuous, 50 Amp audio with
50% duty cycle
•
Uses precise “Quick Lock” system
•
Mates with all currently available speakON products
•
Weatherproof built-in gasket meets IP 54 protection
class in mated condition
•
4 pole version has UL Recognized components, CSA
listed
•
4 type range - also male cable connector and female
receptacle on 4-pole version
•
NLT4MP-BAG
1
/3


Similar Part No. - NLT4MP-BAG

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NLT4MP NEUTRIK-NLT4MP Datasheet
155Kb / 3P
4 pole male chassis connector, metal housing, solder or 쩌" flat tabs
More results

Similar Description - NLT4MP-BAG

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NC4MP-B NEUTRIK-NC4MP-B Datasheet
88Kb / 3P
4 pole male receptacle, solder contacts, black metal housing, gold contacts
NC4MP-BAG NEUTRIK-NC4MP-BAG Datasheet
87Kb / 3P
4 pole male receptacle, solder contacts, black metal housing, silver contacts
NLT4MX-BAG NEUTRIK-NLT4MX-BAG Datasheet
93Kb / 3P
4 pole male cable connector, black-chrome metal housing, chuck type strain relief
NLT8FX-BAG NEUTRIK-NLT8FX-BAG Datasheet
87Kb / 3P
8-pole female cable connector, black-chrome metal housing, solder
NLT8MX-BAG NEUTRIK-NLT8MX-BAG Datasheet
90Kb / 2P
8 pole male cable connector, black-chrome metal housing, chuck type strain relief, 쩌" flat tabs
NL8MPR-BAG NEUTRIK-NL8MPR-BAG Datasheet
75Kb / 3P
8 pole chassis connector, black chrome metal square G-size flange, countersunk thru holes, 3/16" flat tabs
NLT4FP-BAG NEUTRIK-NLT4FP-BAG Datasheet
106Kb / 3P
4 pole female chassis connector, black-chrome metal housing, solder contacts
NLT4MP NEUTRIK-NLT4MP Datasheet
155Kb / 3P
4 pole male chassis connector, metal housing, solder or 쩌" flat tabs
NLT8MP NEUTRIK-NLT8MP Datasheet
66Kb / 3P
8-pole male chassis connector, Nickel housing, solder or 쩌" flat tabs
NLT8MP-BAG NEUTRIK-NLT8MP-BAG Datasheet
67Kb / 3P
8-pole male chassis connector, black-chrome metal housing, solder or 쩌" flat tabs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com