Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTMP6331QDECTQ1 Datasheet(PDF) 13 Page - Texas Instruments

Part # PTMP6331QDECTQ1
Description  TMP63-Q1 100-k廓 Linear Thermistor With Small, 0402 Package Option
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTMP6331QDECTQ1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PTMP6331QDECTQ1 Datasheet HTML 9Page - Texas Instruments PTMP6331QDECTQ1 Datasheet HTML 10Page - Texas Instruments PTMP6331QDECTQ1 Datasheet HTML 11Page - Texas Instruments PTMP6331QDECTQ1 Datasheet HTML 12Page - Texas Instruments PTMP6331QDECTQ1 Datasheet HTML 13Page - Texas Instruments PTMP6331QDECTQ1 Datasheet HTML 14Page - Texas Instruments PTMP6331QDECTQ1 Datasheet HTML 15Page - Texas Instruments PTMP6331QDECTQ1 Datasheet HTML 16Page - Texas Instruments PTMP6331QDECTQ1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
RBias
VBias
RTMP63
R1
R2
VTrip
13
TMP63-Q1
www.ti.com
SNIS215 – JANUARY 2020
Product Folder Links: TMP63-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Typical Application (continued)
8.2.1.2.1
Thermal Protection With Comparator
Use the TMP63-Q1 device along with a voltage reference, and a comparator to program the thermal protection.
As shown in Figure 18, the output of the comparator remains low until the voltage of the thermistor divider, with
RBIAS and RTMP63-Q1, rises above the threshold voltage set by R1 and R2. When the output goes high, the
comparator signals an overtemperature warning signal. The engineer can also program the hysteresis to prevent
the output from continuously toggling around the temperature threshold when the output returns low. Either a
comparator with built-in hysteresis or feedback resistors may be used.
Figure 18. Temperature Switch Using Voltage Divider and a Comparator
8.2.1.2.2
Thermal Foldback
One application that uses the output voltage of the TMP63-Q1 in an active control circuit is thermal foldback.
This is performed to reduce, or fold back, the current driving a string of LEDs, for example. At high temperatures,
the LEDs begin to heat up due to environmental conditions and self heating. Thus, at a certain temperature
threshold based on the LED's safe operating area, the driving current must be reduced to cool down the LEDs
and prevent thermal runaway. The device voltage output increases with temperature when the output is in the
lower position of the voltage divider and can provide a response used to fold back the current. Typically, the
device holds the current at a specified level until a high temperature is reached, known as the knee point, at
which the current must be rapidly reduced in order to continue operation. To better control the
temperature/voltage sensitivity, the device uses a rail-to-rail operational amplifier. I Figure 19 shows the
temperature knee point where the foldback begins. The set by the reference voltage (2.5 V) at the positive input,
and the feedback resistors set the response of the foldback curve. The foldback knee point may be chosen
based on the output of the voltage divider and the corresponding temperature from Equation 5 (110°C, for
example). The device uses a buffer between the voltage divider with RTMP63-Q1 and the input to the op amp to
prevent loading and variations in VTEMP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com