Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5430085 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5430085
Description  PCB terminal block - BC-350X9-10 GY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5430085 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5430085 Datasheet HTML 1Page - PHOENIX CONTACT 5430085 Datasheet HTML 2Page - PHOENIX CONTACT 5430085 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5430085
10/30/2014   Page 1 / 3
PCB terminal block - BC-350X9-10 GY - 5430085
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, Nominal current: 13.5 A, Nom. voltage: 200 V, Pitch: 3.5 mm, Number of positions: 10,
Connection method: Screw connection, Mounting: Soldering, Conductor/PCB connection direction: 0 °, Color:
signal grey
The illustration shows the 3-pos.
version
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85369010
Country of origin
China
Technical data
Dimensions
Length
7.3 mm
Height
8.5 mm
Pitch
3.5 mm
Dimension a
31.5 mm
Pin dimensions
0,5 x 0,9 mm
Hole diameter
1.1 mm
General
Range of articles
BC-X9
Insulating material group
I
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/3)
160 V
Rated voltage (III/2)
200 V


Similar Part No. - 5430085

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5430001 PHOENIX-5430001 Datasheet
66Kb / 4P
PCB terminal block - BC-350X9- 2 GY
5430014 PHOENIX-5430014 Datasheet
65Kb / 3P
PCB terminal block - BC-350X9- 3 GY
5430027 PHOENIX-5430027 Datasheet
66Kb / 4P
PCB terminal block - BC-350X9- 4 GY
5430030 PHOENIX-5430030 Datasheet
66Kb / 4P
PCB terminal block - BC-350X9- 5 GY
5430043 PHOENIX-5430043 Datasheet
66Kb / 4P
PCB terminal block - BC-350X9- 6 GY
More results

Similar Description - 5430085

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5430001 PHOENIX-5430001 Datasheet
66Kb / 4P
PCB terminal block - BC-350X9- 2 GY
5430014 PHOENIX-5430014 Datasheet
65Kb / 3P
PCB terminal block - BC-350X9- 3 GY
5430027 PHOENIX-5430027 Datasheet
66Kb / 4P
PCB terminal block - BC-350X9- 4 GY
5430030 PHOENIX-5430030 Datasheet
66Kb / 4P
PCB terminal block - BC-350X9- 5 GY
5430043 PHOENIX-5430043 Datasheet
66Kb / 4P
PCB terminal block - BC-350X9- 6 GY
5430056 PHOENIX-5430056 Datasheet
65Kb / 3P
PCB terminal block - BC-350X9- 7 GY
5430069 PHOENIX-5430069 Datasheet
66Kb / 4P
PCB terminal block - BC-350X9- 8 GY
5430098 PHOENIX-5430098 Datasheet
65Kb / 3P
PCB terminal block - BC-350X9-11 GY
5430137 PHOENIX-5430137 Datasheet
65Kb / 3P
PCB terminal block - BC-350X9-15 GY
5430140 PHOENIX-5430140 Datasheet
65Kb / 3P
PCB terminal block - BC-350X9-16 GY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com